Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 34Page - Renesas Technology Corp 3819 Datasheet HTML 35Page - Renesas Technology Corp 3819 Datasheet HTML 36Page - Renesas Technology Corp 3819 Datasheet HTML 37Page - Renesas Technology Corp 3819 Datasheet HTML 38Page - Renesas Technology Corp 3819 Datasheet HTML 39Page - Renesas Technology Corp 3819 Datasheet HTML 40Page - Renesas Technology Corp 3819 Datasheet HTML 41Page - Renesas Technology Corp 3819 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 218 page
background image
24
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 13 Serial I/O block diagram
1/8
1/128
1/64
1/32
1/16
SI/O automatic
transfer RAM
(0F0016 to 0F1F16)
Main data
bus
Local data
bus
Main
address bus
Local
address bus
SI/O automatic
transfer
controller
SI/O automatic
transfer data
pointer
Serial I/O automatic
transfer interrupt request
SI/O automatic transfer
interval register
1/256
Internal synchronous
clock selection bit
Synchronous
clock selection
bit
“1”
“0”
Internal
system clock
selection bit
External clock
(Note)
SRDY1
P67 latch
CS
Serial I/O counter 1(3)
Serial I/O shift register 1(8)
“0”
P66 latch
“1”
Serial I/O1 port selection bit
P65 latch
“0”
“1”
Serial I/O1 port selection bit
Address decorder
Synchronization
circuit
Serial I/O1
interrupt request
“0”
“1”
XIN
XCIN
P66/SCLK11
P65/SOUT1
P64/SIN1
P67/SRDY1/
CS/SCLK12
1/8
1/128
1/64
1/32
1/16
1/256
Internal synchronous
clock selection bit
Synchronous
clock selection
bit
“1”
“0”
External clock
SRDY2
P53 latch
SRDY2 output selection bit
Serial I/O counter 2(3)
Serial I/O shift register 2(8)
“0”
“1”
Serial I/O2 port selection bit
P51 latch
“0”
“1”
Serial I/O2 port selection bit
Serial I/O2
interrupt request
“0”
P52/SCLK2
P51/SOUT2
P50/SIN2
P53/SRDY2
“1”
Synchronization
circuit
P52 latch
1/8
1/128
1/64
1/32
1/16
1/256
Internal synchronous
clock selection bit
“1”
“0”
External clock
SRDY3
P57 latch
SRDY2 output selection bit
Serial I/O counter 3(3)
Serial I/O shift register 3(8)
“0”
“1”
Serial I/O3 port selection bit
P55 latch
“0”
“1”
Serial I/O3 port selection bit
Serial I/O3
interrupt request
“0”
P56/SCLK3
P55/SOUT3
P54/SIN3
P57/SRDY3
“1”
Synchronization
circuit
P56 latch
Note: Selected with the synchronous clock selection bit, SRDY1 output selection bit, serial I/O1 port selection bit (these 3 bits are of the serial
I/O1 control register), automatic transfer control bit, and synchronous clock output pin selection bit (these 2 bits are ofthe serial I/O
automatic transfer register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com