Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 92Page - Renesas Technology Corp 3819 Datasheet HTML 93Page - Renesas Technology Corp 3819 Datasheet HTML 94Page - Renesas Technology Corp 3819 Datasheet HTML 95Page - Renesas Technology Corp 3819 Datasheet HTML 96Page - Renesas Technology Corp 3819 Datasheet HTML 97Page - Renesas Technology Corp 3819 Datasheet HTML 98Page - Renesas Technology Corp 3819 Datasheet HTML 99Page - Renesas Technology Corp 3819 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 218 page
background image
82
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
3819 Group USER’S MANUAL
Fig. 2.2.17 Setting of related registers [Piezoelectric buzzer output]
Control procedure :
Figure 2.2.18 shows a control procedure.
Fig. 2.2.18 Control procedure [Piezoelectric buzzer output]
T34M (Address:29 16), bit6
1
63
T3
Timer 3 (Address:22 16)
Set "division ratio – 1"
0
10
Timer 3 count source : f(X IN)/16
Timer 3 output selection :
Set to “1” during outputting a piezoelectric buzzer.
Set to “0” during stopping outputting of a piezoelectric
buzzer.
Timer 3 count : Operating
T34M
Timer 34 mode register (Address:2916)
RESET
Initialization
P4
P4D
ICON2
T34M
T3
(Address:08 16), bit7
(Address:09 16), bit7
(Address:3F 16), bit7, bit0
(Address:29 16)
(Address:22 16)
1
1
0
010000002
64 – 1
T34M (Address:29 16), bit6
0
A piezoelectric buzzer
is requested?
Y
N
Main processing
Set the port condition during stopping outputting
a piezoelectric buzzer ( “H” level output ).
Timer 3 interrupts : Disabled
The T3OUT output is stopped at this point (stop
outputting a piezoelectric buzzer ).
The piezoelectric buzzer request occured in the
main processing is processed in the output unit.
During stopping outputting a piezoelectric buzzer (P4 7)
During outputting a piezoelectric buzzer (T3 OUT)
Output unit
q
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com