Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 95Page - Renesas Technology Corp 3819 Datasheet HTML 96Page - Renesas Technology Corp 3819 Datasheet HTML 97Page - Renesas Technology Corp 3819 Datasheet HTML 98Page - Renesas Technology Corp 3819 Datasheet HTML 99Page - Renesas Technology Corp 3819 Datasheet HTML 100Page - Renesas Technology Corp 3819 Datasheet HTML 101Page - Renesas Technology Corp 3819 Datasheet HTML 102Page - Renesas Technology Corp 3819 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 218 page
background image
85
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
3819 Group USER’S MANUAL
Control procedure :
Figure 2.2.21 shows a control procedure.
Fig. 2.2.21 Control procedure [Measurement of frequency]
All interrupts : Disabled
Select the input pulse from the CNTR 1
pin as the Timer 4 count source.
Timer 1 interrupt : Enabled
Set the division ratio so that the Timer
1 interrupt occurs every 244
µs.
Start a timer counting.
Interrupts : Enabled
Set so that the processing Synchro-
nizing signal judgment is performed
every time eight Timer 1 interrupts
occur.
When the count value is 256 or more,
the processing is performed as out of
range.
Read the count value.
Store the count value in the accumu-
lator (A).
Initialize the count value.
Set the Timer 4 interrupt request bit to
“0”.
000000012
001000002
1
0
64 – 1
0
RESET
Initialization
SEI
T12M
T34M
ICON1
ICON2
T1
T12M
CLI
(Address:28 16)
(Address:29 16)
(Address:3E16), bit6
(Address:3F 16), bit7
(Address:20 16)
(Address:28 16), bit0
~
~
(A)
T4 (Address:23 16)
T4
IREQ2
(Address:23 16)
(Address:3D16), bit1
256 – 1
0
1
0
Timer 1 interrupt processing routine
FSync
0
FSync
1
Processing for a result of judgment
RTI
IREQ2 (Address:3D 16), bit1?
214
(A)
228?
<
<
Compare the count value read with the
reference value.
Store the comparison result in flag FSync.
Out of range
In range
1/8
q
q
q
q
q
q
q
q
q
q
q
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com