Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 52Page - Renesas Technology Corp 3819 Datasheet HTML 53Page - Renesas Technology Corp 3819 Datasheet HTML 54Page - Renesas Technology Corp 3819 Datasheet HTML 55Page - Renesas Technology Corp 3819 Datasheet HTML 56Page - Renesas Technology Corp 3819 Datasheet HTML 57Page - Renesas Technology Corp 3819 Datasheet HTML 58Page - Renesas Technology Corp 3819 Datasheet HTML 59Page - Renesas Technology Corp 3819 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 218 page
background image
42
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 36 Structure of interrupt interval determination control register
Fig. 37 Interrupt interval determination operation example (at rising edge active)
Interrupt interval determination circuit operating selection bit
0 : Stopped
1 : Operating
Counter sampling clock selection bit
0 : f(XIN)/256
1 : f(XIN)/512
Noise filter sampling clock selection bits(INT2)
0 0 : Filter stop
0 1 : f(XIN)/64
1 0 : f(XIN)/128
1 1 : f(XIN)/256
One-sided/both-sided edge detection selection bit
0 : One-sided edge detection
1 : Both-sided edge detection
Not used (return “0” when read)
b7
Interrupt interval determination control register
(IIDCON : address 003116)
b0
Noise filter
Sampling clock
(When IIDCON4 = “0”)
INT2 pin
Acceptance
of interrupt
Counter
sampling clock
6
3
FF
6
3
FF
1
8-bit binary
up counter value
Interrupt interval
determination
register value
Remote control
interrupt request
Remote control
interrupt request
Counter overflow
interrupt request
Remote control
interrupt request
N
2
3
4
5
6
0
1
2
3
0
1
FE
FF
0
0
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com