Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 15Page - Renesas Technology Corp 3819 Datasheet HTML 16Page - Renesas Technology Corp 3819 Datasheet HTML 17Page - Renesas Technology Corp 3819 Datasheet HTML 18Page - Renesas Technology Corp 3819 Datasheet HTML 19Page - Renesas Technology Corp 3819 Datasheet HTML 20Page - Renesas Technology Corp 3819 Datasheet HTML 21Page - Renesas Technology Corp 3819 Datasheet HTML 22Page - Renesas Technology Corp 3819 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 218 page
background image
5
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
•8-bit output port with the same function as
port P0
P50/SIN2/AN8,
P51/SOUT2/AN9,
P52/SCLK2/AN10,
P53/SRDY2/AN11
P54/SIN3/AN12,
P55/SOUT3/AN13,
P56/SCLK3/AN14,
P57/SRDY3/AN15
P60
P61/PWM
P62/CNTR0,
P63/CNTR1
P64/SIN1,
P65/SOUT1,
P66/SCLK11,
P67/SRDY1/CS/
SCLK12
PIN DESCRIPTION (Continued)
Pin
Name
Function
Function except a port function
I/O port P5
•8-bit CMOS I/O port with the same function
as ports P24–P27
•CMOS compatible input level
•CMOS 3-state output
•8-bit CMOS I/O port with the same function
as ports P24–P47
•CMOS compatible input level
•CMOS 3-state output
•8-bit CMOS I/O port with the same function
as ports P24–P27
•CMOS compatible input level
•CMOS 3-state output
•8-bit I/O port with the same function as ports
P24–P27
•CMOS compatible input level
•The high-breakdown-voltage P-channel
open-drain
•8-bit I/O port with the same function as ports
P24–P27
•CMOS compatible input level
•The high-breakdown voltage P-channel open-
drain
•4-bit CMOS I/O port with the same function
as ports P24–P27
•CMOS compatible input level
•CMOS 3-state output
Serial I/O2 function pins
A-D conversion input pins
Serial I/O3 function pins
A-D conversion input pins
PWM output pin (Timer output pin)
Timer input pins
Serial I/O1 function pins
A-D conversion input pins
FLD automatic display pins
I/O pins for sub-clock generating circuit (con-
nect a ceramic resonator or a quarts-crystal
oscillator)
D-A conversion output pin
P70/AN0–
P77/AN7
P80/SEG8–
P87/SEG15
P90/SEG16–
P97/SEG23
PA0/SEG0–
PA7/SEG7
PB0/XCOUT,
PB1/XCIN
PB2/DA
PB3
I/O port P6
I/O port P7
I/O port P8
Output port P9
I/O port PA
I/O port PB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com