Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 41Page - Renesas Technology Corp 3819 Datasheet HTML 42Page - Renesas Technology Corp 3819 Datasheet HTML 43Page - Renesas Technology Corp 3819 Datasheet HTML 44Page - Renesas Technology Corp 3819 Datasheet HTML 45Page - Renesas Technology Corp 3819 Datasheet HTML 46Page - Renesas Technology Corp 3819 Datasheet HTML 47Page - Renesas Technology Corp 3819 Datasheet HTML 48Page - Renesas Technology Corp 3819 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 218 page
background image
31
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
A-D CONVERTER
The functional blocks of the A-D converter are described below.
A-D Conversion Register (AD) 002D16
The A-D conversion register is a read-only register that stores the
result of an A-D conversion. This register should not be read dur-
ing A-D conversion.
AD/DA Control Register (ADCON) 002C16
The AD/DA control register controls the A-D and the D-A conver-
sion process. Bits 0 to 3 of this register select analog input pins.
Bit 4 is the AD conversion completion bit. The value of this bit re-
mains at “0” during an A-D conversion, then changes to “1” when
the A-D conversion is completed.
The A-D conversion starts by writing “0” to this bit. Bit 6 controls
the output of D-A converter.
Comparison Voltage Generator
The comparison voltage generator divides the voltage between
AVSS and VREF by 256, and outputs the divided voltages.
Channel Selector
The channel selector selects one of the input ports P77/AN7–P70/
AN0, P57/SRDY3/AN15–P50/SIN2/AN8, and inputs to the compara-
tor.
Comparator and Control Circuit
The comparator and control circuit compares an analog input volt-
age with the comparison voltage and stores the result in the A-D
conversion register. When an A-D conversion is completed, the
control circuit sets the AD conversion completion bit and the AD
conversion interrupt request bit to “1”.
Note that the comparator is constructed linked to a capacitor, so
set f(XIN) to 500 kHz or more during A-D conversion.
Note : When using the A-D conversion interrupt, set the INT4/AD conver-
sion interrupt switch bit (the bit 5 of the interrupt selection register)
to “1”.
Fig. 23 Structure of A-D control register
Analog input pin selection bits
b3 b2 b1 b0
0 0 0 0 : P70/AN0
0 0 0 1 : P71/AN1
0 0 1 0 : P72/AN2
0 0 1 1 : P73/AN3
0 1 0 0 : P74/AN4
0 1 0 1 : P75/AN5
0 1 1 0 : P76/AN6
0 1 1 1 : P77/AN7
1 0 0 0 : P50/SIN2/AN8
1 0 0 1 : P51/SOUT2/AN9
1 0 1 0 : P52/SCLK2/AN10
1 0 1 1 : P53/SRDY2/AN11
1 1 0 0 : P54/SIN3/AN12
1 1 0 1 : P55/SOUT3/AN13
1 1 1 0 : P56/SCLK3/AN14
1 1 1 1 : P57/SRDY3/AN15
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Not used (returns “0” when read)
DA output enable bit
0 : Disable
1 : Enable
Not used (returns “0” when read)
b7
AD/DA control register
(ADCON : address 002C16)
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com