Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 73Page - Renesas Technology Corp 3819 Datasheet HTML 74Page - Renesas Technology Corp 3819 Datasheet HTML 75Page - Renesas Technology Corp 3819 Datasheet HTML 76Page - Renesas Technology Corp 3819 Datasheet HTML 77Page - Renesas Technology Corp 3819 Datasheet HTML 78Page - Renesas Technology Corp 3819 Datasheet HTML 79Page - Renesas Technology Corp 3819 Datasheet HTML 80Page - Renesas Technology Corp 3819 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 218 page
background image
63
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
A-D conversion standard characteristics
Figure 59 shows the A-D conversion standard characteristics.
The lower-side line on the graph indicates the absolute precision error. It represents the deviation from the ideal value.
For example, the conversion of output code from 0016 to 0116 occurs ideally at the point of AN0 = 10 mV, but the
measured value is –4 mV. Accordingly, the measured point of conversion is represented as “10 – 4 = 6 mV”.
The upper-side line on the graph indicates the width of input voltages equivalent to output codes. For example, the
measured width of the input voltage for output code 4916 is 23 mV, so the differential nonlinear error is represented
as “23 – 20 = 3 mV” (0.1 LSB).
Fig. 59 A-D conversion standard characteristics
M38197MA-000FP A-D CONVERTER STEP WIDTH MEASUREMENT
Measured when a power source voltage is stable in the high-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com