Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 27Page - Renesas Technology Corp 3819 Datasheet HTML 28Page - Renesas Technology Corp 3819 Datasheet HTML 29Page - Renesas Technology Corp 3819 Datasheet HTML 30Page - Renesas Technology Corp 3819 Datasheet HTML 31Page - Renesas Technology Corp 3819 Datasheet HTML 32Page - Renesas Technology Corp 3819 Datasheet HTML 33Page - Renesas Technology Corp 3819 Datasheet HTML 34Page - Renesas Technology Corp 3819 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 218 page
background image
17
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
INTERRUPTS
Interrupts occur by 20 sources: 5 external, 14 internal, and 1 soft-
ware.
Interrupt Control
Each interrupt is controlled by an interrupt request bit, an interrupt
enable bit, and the interrupt disable flag except for the software in-
terrupt set by the BRK instruction. An interrupt occurs if the
corresponding interrupt request and enable bits are “1” and the in-
terrupt disable flag is “0”.
Interrupt enable bits can be set or cleared by software.
Interrupt request bits can be cleared by software, but cannot be
set by software.
The BRK instruction cannot be disabled with any flag or bit.
The I (interrupt disable) flag disables all interrupts except the BRK
instruction interrupt.
Interrupt Operation
When an interrupt is received, the contents of the program counter
and processor status register are automatically stored into the
stack. The interrupt disable flag is set to inhibit other interrupts
from interfering. The corresponding interrupt request bit is cleared
and the interrupt jump destination address is read from the vector
table into the program counter.
Notes on Use
When the active edge of an external interrupt (INT0 to INT4) is
changed or when switching interrupt sources in the same vector
address, the corresponding interrupt request bit may also be set.
Therefore, please take following sequence;
(1) Disable the external interrupt which is selected.
(2) Change the active edge.
(3) Clear the interrupt request bit which is selected to “0”.
(4) Enable the external interrupt which is selected.
Table 1. Interrupt vector addresses and priority
Interrupt Request
Generating Conditions
High
FFFD16
Interrupt Source
Priority
Low
FFFC16
Remarks
Reset (Note 2)
Non-maskable
External interrupt (active edge
selectable)
External interrupt (active edge
selectable)
External interrupt (active edge
selectable)
Valid when interrupt interval
determination is operating
Valid when serial I/O ordinary
mode is selected
Valid when serial I/O automatic
transfer mode is selected
Valid when serial I/O2 is se-
lected
Valid when serial I/O3 is se-
lected
STP release timer underflow
1
Notes 1 : Vector addresses contain interrupt jump destination addresses.
2 : Reset function in the same way as an interrupt with the highest priority.
Vector Addresses (Note 1)
At reset
At detection of either rising or
falling edge of INT0 input
At detection of either rising or
falling edge of INT1/ZCR input
At detection of either rising or
falling edge of INT2 input
INT0
INT1/ZCR
INT2
Remote control/
counter overflow
Serial I/O1
Serial I/O
automatic transfer
Serial I/O2
Serial I/O3
Timer 1
Timer 2
Timer 3
Timer 4
Timer 5
Timer 6
INT3
2
3
At 8-bit counter overflow
At completion of data transfer
At completion of the last data
transfer
At completion of data transfer
At completion of data transfer
At timer 1 underflow
At timer 2 underflow
At timer 3 underflow
At timer 4 underflow
At timer 5 underflow
At timer 6 underflow
At detection of either rising or
falling edge of INT3 input
External interrupt (active edge
selectable)
Valid when INT4 interrupt is
selected
External interrupt (active
edge selectable)
Valid when A-D conversion in-
terrupt is selected
At detection of either rising or
falling edge of INT4 input
At completion of A-D conver-
sion
At falling edge of the last digit
immediately before blanking
period starts
At rising edge of each digit
At BRK instruction execution
Valid when FLD blanking in-
terrupt is selected
Valid when FLD digit interrupt
is selected
Non-maskable software inter-
rupt
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
4
5
6
7
8
9
10
11
12
13
14
15
16
17
INT4
A-D conversion
FLD blanking
FLD digit
BRK instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com