Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 96Page - Renesas Technology Corp 3819 Datasheet HTML 97Page - Renesas Technology Corp 3819 Datasheet HTML 98Page - Renesas Technology Corp 3819 Datasheet HTML 99Page - Renesas Technology Corp 3819 Datasheet HTML 100Page - Renesas Technology Corp 3819 Datasheet HTML 101Page - Renesas Technology Corp 3819 Datasheet HTML 102Page - Renesas Technology Corp 3819 Datasheet HTML 103Page - Renesas Technology Corp 3819 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 218 page
background image
86
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.3 Serial I/O
3819 Group USER’S MANUAL
2.3 Serial I/O
2.3.1 Related registers
Fig. 2.3.1 Structure of Serial I/O automatic transfer data pointer
Fig. 2.3.2 Structure of Serial I/O 1 control register
When an external clock is selected in the serial I/O 1 automatic transfer
mode, the S RDY1 signal pin is used as the CS signal input pin.
Serial I/O automatic transfer data pointer
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
6
7
0
Serial I/O automatic transfer data pointer (SIODP) [Address:1816]
0
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are "0."
Indicate an address of Serial I/O automatic transfer RAM.
?
?
?
?
?
0
5
!
!
!
Serial I/O 1 control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
Serial I/O 1 control register (SIO1CON) [Address:1916]
Name
Internal synchronous clock
selection bits
Synchronous clock selection
bit
000 : f(XIN)/8 or f(XCIN)/8
001 : f(XIN)/16 or f(XCIN)/16
010 : f(XIN)/32 or f(XCIN)/32
011 : f(XIN)/64 or f(XCIN)/64
110 : f(XIN)/128 or f(XCIN)/128
111 : f(XIN)/256 or f(XCIN)/256
0 : External clock
1 : Internal clock
P65/SOUT1 P-channel output
disable bit
b2 b1b0
Serial I/O 1 port selection bit
(P65,P66,P67 )
T
Transfer direction selection
bit
0 : LSB first
1 : MSB first
SRDY1 output selection bit
(P67)
0 : I/O port
1 : SRDY1/CS signal pin
( Note)
0 : I/O port
1 : SOUT1, SCLK11, SCLK12 signal pins
T
T
T
Valid only in the Serial I/O automatic transfer mode
0 : CMOS output (in output mode)
1 : N-channel open-drain output
(in output mode)
Note :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com