Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 68Page - Renesas Technology Corp 3819 Datasheet HTML 69Page - Renesas Technology Corp 3819 Datasheet HTML 70Page - Renesas Technology Corp 3819 Datasheet HTML 71Page - Renesas Technology Corp 3819 Datasheet HTML 72Page - Renesas Technology Corp 3819 Datasheet HTML 73Page - Renesas Technology Corp 3819 Datasheet HTML 74Page - Renesas Technology Corp 3819 Datasheet HTML 75Page - Renesas Technology Corp 3819 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 218 page
background image
58
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
P56/SCLK3,
P52/SCLK2,
P66/SCLK11
Serial clock output port
Note : Ports P8 and PA need external resistors.
CL
P0, P1, P20–P23,
P3, P8, P9, PA
High-breakdown-voltage
P-channel open-drain
output port
CL
(Note)
VEE
Symbol
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(XcIN)
tWH(XcIN)
tWL(XcIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tWH(INT)
tWL(INT)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(SCLK–SIN)
th(SCLK–SIN)
TIMING REQUIREMENTS (VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –10 to 85°C, unless otherwise noted)
Parameter
Reset input “L” pulse width
Main clock input cycle time (XIN input)
Main clock input “H” pulse width
Main clock input “L” pulse width
Sub-clock input cycle time (XCIN input)
Sub-clock input “H” pulse width
Sub-clock input “L” pulse width
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
INT0–INT4 input “H” pulse width
INT0–INT4 input “L” pulse width
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Serial I/O input setup time
Serial I/O input hold time
Limits
Min.
2.0
119
30
30
20
5.0
5.0
4.0
1.6
1.6
80
80
1.0
400
400
200
200
Typ.
Max.
Unit
µs
ns
ns
ns
µs
µs
µs
µs
µs
µs
ns
ns
µs
ns
ns
ns
ns
SWITCHING CHARACTERISTICS (VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –10 to 85°C, unless otherwise noted)
Symbol
tWH(SCLK)
tWL(SCLK)
td(SCLK–SOUT)
tv(SCLK–SOUT)
tr(SCLK)
tf(SCLK)
tr(Pch–strg)
tf(Pch–weak)
Parameter
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output hold time
Serial I/O clock output rising time
Serial I/O clock output falling time
High-breakdown-voltage P-channel open-
drain output rising time (Note 1)
Test conditions
CL = 100 pF
CL = 100 pF
CL = 100 pF
CL = 100 pF
CL = 100 pF
VEE = VCC –36 V
Limits
Min.
tc(SCLK)
/2–160
tc(SCLK)
/2–160
0
Typ.
55
1.8
Max.
0.2tc(SCLK)
40
40
Unit
ns
ns
ns
ns
ns
ns
ns
µs
Notes 1 : When the bit 7 of the FLDC mode register 1 (address 003616) is at “0”.
2: When the bit 7 of the FLDC mode register 1 (address 003616) is at “1”.
Fig. 53 Circuit for measuring output switching characteristics
High-breakdown-voltage P-channel open-
drain output falling time (Note 2)
CL = 100 pF
VEE = VCC –36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com