Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 22Page - Renesas Technology Corp 3819 Datasheet HTML 23Page - Renesas Technology Corp 3819 Datasheet HTML 24Page - Renesas Technology Corp 3819 Datasheet HTML 25Page - Renesas Technology Corp 3819 Datasheet HTML 26Page - Renesas Technology Corp 3819 Datasheet HTML 27Page - Renesas Technology Corp 3819 Datasheet HTML 28Page - Renesas Technology Corp 3819 Datasheet HTML 29Page - Renesas Technology Corp 3819 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 218 page
background image
12
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
P62/CNTR0,
P63/CNTR1
P64/SIN1
P65/SOUT1,
P66/SCLK11
P67/SRDY1/
CS/SCLK12
Port P5
Pin
Name
Input/Output
I/O Format
Non-Port Function
Related SFRS
Diagram
No.
P50/SIN2/
AN8
P51/SOUT2/
AN9,
P52/SCLK2/
AN10
P53/SRDY2/
AN11
P54/SIN3/
AN12
P55/SOUT3/
AN13,
P56/SCLK3/
AN14
P57/SRDY3/
AN15
P60
CMOS compatible
input level
CMOS 3-state output
Input/output,
individual bits
Serial I/O2 func-
tion I/O
A-D conversion in-
put
Serial I/O2 control
register
AD/DA control regis-
ter
(9)
Serial I/O3 func-
tion I/O
A-D conversion in-
put
Serial I/O3 control
register
AD/DA control regis-
ter
Timer 56 mode regis-
ter
PWM (timer) out-
put
P61/PWM
Timer input
Interrupt edge selec-
tion register
Serial I/O1 func-
tion I/O
Serial I/O1 control
register
Serial I/O automatic
transfer control regis-
ter
CMOS compatible
input level
CMOS 3-state output
CMOS compatible
input level
High-breakdown-
voltage P-channel
open-drain output
with pull-down
resistor
High-breakdown-
voltage P-channel
open-drain output
with pull-down
resistor
CMOS compatible
input level
High-breakdown-
voltage P-channel
open-drain output
P70/AN0–
P77/AN7
P80/SEG8–
P87/SEG15
P90/SEG16–
P97/SEG23
PA0/SEG0–
PA7/SEG7
PB0/XCOUT,
PB1/XCIN
PB2/DA
PB3
CMOS compatible
input level
CMOS 3-state output
FLD automatic
display function
A-D conversion in-
put
I/O for sub-clock
generating circuit
D-A conversion
output
AD/DA control regis-
ter
FLDC mode register
Segment/port switch
register
FLDC mode register
FLDC mode register
Segment/port switch
register
CPU mode register
AD/DA control regis-
ter
Output
Input/output,
individual bits
Input/output,
individual bits
Port P6
Port P7
Port P8
Port P9
Port PA
(10)
(11)
(9)
(10)
(11)
(4)
(8)
(7)
(9)
(10)
(11)
(12)
(13)
(5)
(13)
(14)
(15)
(16)
Note : Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction. When an input level is at an intermediate poten-
tial, a current will flow from VCC to VSS through the input-stage gate.
Port PB
CMOS compatible
input level
CMOS 3-state output
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com