Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 91Page - Renesas Technology Corp 3819 Datasheet HTML 92Page - Renesas Technology Corp 3819 Datasheet HTML 93Page - Renesas Technology Corp 3819 Datasheet HTML 94Page - Renesas Technology Corp 3819 Datasheet HTML 95Page - Renesas Technology Corp 3819 Datasheet HTML 96Page - Renesas Technology Corp 3819 Datasheet HTML 97Page - Renesas Technology Corp 3819 Datasheet HTML 98Page - Renesas Technology Corp 3819 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 218 page
background image
81
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
3819 Group USER’S MANUAL
(3) Timer application example 2: Piezoelectric buzzer output
Outline : The rectangular waveform output function of a timer is applied for a piezoelectric buzzer output.
Specifications : • The rectangular waveform, 2 kHz (2048 Hz) which is divided clock f(XIN) = 4.19 MHz is output
from the T3OUT pin.
• The level of the T3OUT pin fixes to “H” while a piezoelectric buzzer output is stopped.
Figure 2.2.15 shows an example of a peripheral circuit, and Figure 2.2.16 shows a connection of the timer and setting
of the division ratio.
Fig. 2.2.16 Connection of the timer and setting of the division ratio [Piezoelectric buzzer output]
Fig. 2.2.15 Example of a peripheral circuit
1/16
1/2
f(XIN) =
4.19 MHz
Fixed
Timer 3
Fixed
1/64
T3OUT
244
µs
244
µs
3819 group
PiPiPi....
T3OUT
Set a division ratio so that the underflow output cycle of the Timer 3 becomes this value.
The "H" level is output while a piezoelectric buzzer output is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com