Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 93Page - Renesas Technology Corp 3819 Datasheet HTML 94Page - Renesas Technology Corp 3819 Datasheet HTML 95Page - Renesas Technology Corp 3819 Datasheet HTML 96Page - Renesas Technology Corp 3819 Datasheet HTML 97Page - Renesas Technology Corp 3819 Datasheet HTML 98Page - Renesas Technology Corp 3819 Datasheet HTML 99Page - Renesas Technology Corp 3819 Datasheet HTML 100Page - Renesas Technology Corp 3819 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 218 page
background image
83
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
3819 Group USER’S MANUAL
*
(4) Timer application example 3 : Measurement of frequency
(judging if Video synchronization signal exists)
Outline : The pulses input to the External count input pin (CNTR) are counted by a timer to judge if the
frequency is within a certain range.
Specifications : • The Video synchronization signal is input to the CNTR1 pin and counted by the Timer 4.
• A count value is read out at the interval of about 2 ms (Timer 1 interrupt interval : 244
µs !
8). When the count value is 28 to 40, it is regarded as the existence of the Video synchro-
nization signal.
• Because the timer is a down-counter, the count value is compared with 227 to 215.
227 to 215 = 255 (initialized value of counter) – 28 to 40 (the number of valid value).
Figure 2.2.19 shows a method for judging if Video synchronization signal exists, and Figure 2.2.20 shows a setting
of related registers.
*
Fig 2.2.19 A method for judging if Video synchronization signal exists
Video synchronization signal
63.5
µs
(15.7 kHz)
244
µs ! 8
63.5
µs
= 31 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com