Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 48Page - Renesas Technology Corp 3819 Datasheet HTML 49Page - Renesas Technology Corp 3819 Datasheet HTML 50Page - Renesas Technology Corp 3819 Datasheet HTML 51Page - Renesas Technology Corp 3819 Datasheet HTML 52Page - Renesas Technology Corp 3819 Datasheet HTML 53Page - Renesas Technology Corp 3819 Datasheet HTML 54Page - Renesas Technology Corp 3819 Datasheet HTML 55Page - Renesas Technology Corp 3819 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 218 page
background image
38
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
q Data Setup
When data is stored in the FLD automatic display RAM, the
last data of segment PA is stored at address 0F8016, the last
data of segment P8 is stored at address 0F9016, the last data
of segment P9 is stored at address 0FA016, the last data of
segment P3 is stored at address 0FB016, the last data of seg-
ment P0 is stored at address 0FC016, and the last data of
segment P1 is stored at address 0FD016 to allocate in se-
quence from the last data respectively. The first data of the
segment PA, P8, P9, P3, P0, and P1 is stored at an address
which adds the value of (the digit number–1) to the corre-
sponding address 0F8016, 0F9016, 0FA016, 0FB016, 0FC016,
and 0FD016.
Set the low-order 4 bits of the FLD data pointer reload register
to the value given by the number of digits–1. “1” is always writ-
ten to bit 6 and bit 4, and “0” is always written to bit 5. Note that
“0” is always read from bits 6, 5 and 4 when reading.
Fig. 32 Example of using the FLD automatic display RAM (1)
For 30 segments and 15 digits
(FLD data pointer reload register = 14)
0F8016
7
Bit
Address
6
543
2
10
0F8116
0F8216
0F8316
0F8416
0F8516
0F8616
0F8716
0F8816
0F8916
0F8A16
0F8B16
0F8C16
0F8D16
0F8E16
0F8F16
0F9016
0F9116
0F9216
0F9316
0F9416
0F9516
0F9616
0F9716
0F9816
0F9916
0F9A16
0F9B16
0F9C16
0F9D16
0F9E16
0F9F16
0FA016
0FA116
0FA216
0FA316
0FA416
0FA516
0FA616
0FA716
0FA816
0FA916
0FAA16
0FAB16
0FAC16
0FAD16
0FAE16
0FAF16
Note :
Shaded areas are used.
For 30 segments and 15 digits
(FLD data pointer reload register = 14)
0FB016
7
Bit
Address
6
543
2
10
0FB116
0FB216
0FB316
0FB416
0FB516
0FB616
0FB716
0FB816
0FB916
0FBA16
0FBB16
0FBC16
0FBD16
0FBE16
0FBF16
0FC016
0FC116
0FC216
0FC316
0FC416
0FC516
0FC616
0FC716
0FC816
0FC916
0FCA16
0FCB16
0FCC16
0FCD16
0FCE16
0FCF16
0FD016
0FD116
0FD216
0FD316
0FD416
0FD516
0FD616
0FD716
0FD816
0FD916
0FDA16
0FDB16
0FDC16
0FDD16
0FDE16
0FDF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com