Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 88Page - Renesas Technology Corp 3819 Datasheet HTML 89Page - Renesas Technology Corp 3819 Datasheet HTML 90Page - Renesas Technology Corp 3819 Datasheet HTML 91Page - Renesas Technology Corp 3819 Datasheet HTML 92Page - Renesas Technology Corp 3819 Datasheet HTML 93Page - Renesas Technology Corp 3819 Datasheet HTML 94Page - Renesas Technology Corp 3819 Datasheet HTML 95Page - Renesas Technology Corp 3819 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 218 page
background image
78
3819 Group USER’S MANUAL
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
(2) Timer application example 1: Clock function (measurement of one second)
Outline : The input clock is divided by a timer so that the clock counts up every second.
Specifications :
• The clock f(XIN) = 4.19 MHz (2
) is divided by a timer.
• The Timer 3 interrupt request bit is checked in the main routine, and the clock is counted
up when an interrupt request occurs.
• Another interrupt processing is executed in a parallel, so a timer interrupt occurs every
244
µs.
Figure 2.2.11 shows a connection of timers and a setting of division ratios, Figures 2.2.12 and 2.2.13 show a setting
of related registers, and Figure 2.2.14 shows a control procedure.
Fig. 2.2.11 Connection of timers and setting of division ratios [Clock function]
Fig. 2.2.12 Setting of related registers (1) [Clock function]
22
000
00 1
Timer 1 count : Stopped
Set to "0" at starting to count
Timer 2 count : Operating
Timer 1 count source : f(X IN)/16
Timer 2 count source : Timer 1 underflow
Timer 1 output selection : I/O port
T12M
Timer 12 mode register (Address:28 16)
01
0
Timer 3 count source : Timer 2 underflow
Timer 3 output selection : I/O port
Timer 3 count : Operating
T34M
Timer 34 mode register (Address:29 16)
Timer 3 interrupt request bit
1/16
0 or 1
1/256
1/16
f(XIN) =
4.19 MHz
Fixed
Timer 1
Timer 2
Timer 3
1 second
244
µs
Timer 1 interrupt request bit
1/64
0 or 1
0 : No interrupt request
1 : Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com