Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 76Page - Renesas Technology Corp 3819 Datasheet HTML 77Page - Renesas Technology Corp 3819 Datasheet HTML 78Page - Renesas Technology Corp 3819 Datasheet HTML 79Page - Renesas Technology Corp 3819 Datasheet HTML 80Page - Renesas Technology Corp 3819 Datasheet HTML 81Page - Renesas Technology Corp 3819 Datasheet HTML 82Page - Renesas Technology Corp 3819 Datasheet HTML 83Page - Renesas Technology Corp 3819 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 218 page
background image
66
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Timing after interrupt
The interrupt processing routine begins with the machine cycle following the completion of the instruction that is
currently in execution.
Figure 61 shows a timing chart after an interrupt occurs, and figure 62 shows the time up to execution of the interrupt
processing routine.
Fig. 61 Timing chart after an interrupt occurs
Fig. 62 Time up to execution of the interrupt processing routine
: CPU operation code fetch cycle
(This is an internal signal which cannot be observed from the external unit.)
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
Generation of interrupt request
Main routine
Interrupt processing routine
7 to 23 cycles
(At performing 8.4 MHz, 1.7
µs to 5.5 µs)
2 cycles
5 cycles
Start of interrupt processing
0 to 16* cycles
* : at execution of DIV instruction
Waiting time for
post-processing
of pipeline
Stack push and
Vector fetch
φ
Data bus
Not used
PCH
PCL
PS
AL
AH
Address bus
S, SPS
S-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
SYNC
RD
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com