Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 38Page - Renesas Technology Corp 3819 Datasheet HTML 39Page - Renesas Technology Corp 3819 Datasheet HTML 40Page - Renesas Technology Corp 3819 Datasheet HTML 41Page - Renesas Technology Corp 3819 Datasheet HTML 42Page - Renesas Technology Corp 3819 Datasheet HTML 43Page - Renesas Technology Corp 3819 Datasheet HTML 44Page - Renesas Technology Corp 3819 Datasheet HTML 45Page - Renesas Technology Corp 3819 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 218 page
background image
28
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
q Setting of Serial I/O Automatic Transfer
Timing
The timing of serial I/O automatic transfer is set with the serial
I/O1 control register (address 001916) and the serial I/O auto-
matic transfer interval register (address 001C16).
The serial I/O1 control register sets the transfer clock speed,
and the serial I/O automatic transfer interval register sets the
serial I/O automatic transfer interval. This setting of transfer in-
terval is valid only when selecting the internal clock as the
clock source.
q Start of Serial I/O Automatic Transfer
Automatic transfer mode is set by writing “1” to the bit 0 of the
serial I/O automatic transfer control register (address 001A16),
then automatic transfer starts by writing “1” to the bit 1.
The bit 1 of the serial I/O automatic transfer control register is
always “1” during automatic transfer; writing “0” can complete
the serial I/O automatic transfer.
q Operation in Serial I/O Automatic Transfer
Modes
There are two modes for serial I/O automatic transfer: full du-
plex mode and transmit-only mode. Either internal or external
clock can be selected for each of these modes.
(2.1) Operation in Full Duplex Mode
In full duplex mode, data can be transmitted and received at the
same time. Data in the automatic transfer RAM is transmitted in
sequence in accordance with the serial I/O automatic transfer data
pointer and simultaneously reception data is written to the auto-
matic transfer RAM.
The transfer timing of each bit is the same as that in ordinary op-
eration mode, and the transfer clock stops at “H” after eight
transfer clocks are counted.
When selecting the internal clock, the transfer clock remains at “H”
for the time set with the serial I/O automatic transfer interval regis-
ter, then the data at the next address (the address is indicated with
the serial I/O automatic transfer data pointer) are transferred.
If when selecting the external clock, the setting of the automatic
transfer interval register is invalid, so control the transfer clock ex-
ternally.
The last data transfer completes when the contents of the serial
I/O automatic transfer pointer reach “0016”. At that point, the serial
I/O automatic transfer interrupt request bit is set to “1” and the bit
1 of the serial I/O automatic transfer control register is cleared to
“0” to complete the serial I/O automatic transfer.
(2.2) Operation in Transmit-Only Mode
The operation in transmit-only mode is the same as that in full du-
plex mode, except for that data is not transferred from the serial
I/O1 register to the serial I/O automatic transfer RAM.
Fig. 19 Serial I/O1 register transfer operation in full duplex mode
•
•
•
DO7
DO6
DO5 DO4
DO3
DO2 DO1
DO0
Transfer clock
DI1
DI0
DO7
DO6
DO5
DO4
DO3
DO2
DI2
DI1
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
DO7
DO6
DO5
DO4
DO3
DO7
DO6
DO5
DO4
DO3
DO2
DO1
DI0
Transfer direction selection bit
LSB first (SC15 = “0” ) : MSB
MSB first (SC15 = “1” ) : LSB
LSB
MSB
SOUT
SIN
Serial I/O1 register
DI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com