Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 83Page - Renesas Technology Corp 3819 Datasheet HTML 84Page - Renesas Technology Corp 3819 Datasheet HTML 85Page - Renesas Technology Corp 3819 Datasheet HTML 86Page - Renesas Technology Corp 3819 Datasheet HTML 87Page - Renesas Technology Corp 3819 Datasheet HTML 88Page - Renesas Technology Corp 3819 Datasheet HTML 89Page - Renesas Technology Corp 3819 Datasheet HTML 90Page - Renesas Technology Corp 3819 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 218 page
background image
73
3819 Group USER’S MANUAL
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.2 Timer
Fig. 2.2.4 Structure of Timer 12 mode register
Fig. 2.2.3 Structure of Timer 6 PWM register
Timer 6 PWM register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
?
?
?
?
?
?
?
?
Timer 6 PWM register (T6PWM) [Address:2716]
In Timer 6 PWM mode
Set the width of "L" of the PWM rectangular waveform.
Duty of the PWM rectangular waveform : n/(n + m)
Cycle : (n + m) ! ts
n = a set value of the Timer 6
m = a set value of the Timer 6 PWM register
ts = a cycle of the Timer 6 count source
Selection of the Timer 6 PWM mode
Set the Timer 6 operation mode selection bit of the Timer 56
mode register (Address : 2A 16) to "1".
q
q
q
Timer 12 mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
Timer 12 mode register (T12M) [Address:2816]
Name
Timer 1 count stop bit
Timer 2 count stop bit
Timer 1 count source
selection bit
Timer 2 count source
selection bits
Timer 1 output selection bit
(P46)
0 : Operating
1 : Stopped
0 : Operating
1 : Stopped
0 : f(XIN)/16 or f(XCIN)/16
1 : f(XCIN)
00 : Timer 1 underflow
01 : f(XCIN)
10 : External count input CNTR 0
11 : Not available
0 : I/O port
1 : Timer 1 output
b5 b4
Nothing is allocated for this bit. It is a write disabled bit.
When this bit is read out, the value is "0. "
Nothing is allocated for this bit. It is a write disabled bit.
When this bit is read out, the value is "0. "
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com