Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 67Page - Renesas Technology Corp 3819 Datasheet HTML 68Page - Renesas Technology Corp 3819 Datasheet HTML 69Page - Renesas Technology Corp 3819 Datasheet HTML 70Page - Renesas Technology Corp 3819 Datasheet HTML 71Page - Renesas Technology Corp 3819 Datasheet HTML 72Page - Renesas Technology Corp 3819 Datasheet HTML 73Page - Renesas Technology Corp 3819 Datasheet HTML 74Page - Renesas Technology Corp 3819 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 218 page
background image
57
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
ZERO CROSS DETECTION INPUT CHARACTERISTICS
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –10 to 85°C, unless otherwise noted)
Symbol
fZCR
∆VT
Parameter
Input frequency of zero cross detection
Voltage error of zero cross detection distinction
Test conditions
50 Hz or 60 Hz
Limits
Min.
–100
Typ.
50, 60
0
Max.
1000
100
Unit
Hz
mV
A-D CONVERTER CHARACTERISTICS
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –10 to 85°C, high-speed operation mode f(XIN) = 500 kHz to 8.4 MHz, unless otherwise noted)
Symbol
–
–
TCONV
IVREF
IIA
RLADDER
Parameter
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Reference power source input current
Analog port input current
Ladder resistor
Test conditions
VCC = VREF = 5.12 V
VREF = 5 V
Limits
Min.
49
50
Max.
8
±2.5
50
200
5.0
Unit
Bits
LSB
tc (
φ)
µA
µA
k
Ω
Typ.
±1
150
0.5
35
D-A CONVERTER CHARACTERISTICS
(VCC = 4.0 to 5.5 V, VSS = AVSS = 0 V, VREF = 3.0 to VCC, Ta = –10 to 85°C, unless otherwise noted)
Symbol
–
–
Tsu
RO
IVREF
Parameter
Resolution
Absolute accuracy
Setting time
Output resistor
Reference power source input current (Note)
Test conditions
Limits
Min.
1
Max.
8
1.0
2.5
3
4
3.2
Unit
Bits
%
%
µs
k
Ω
mA
Typ.
2.5
VCC = 4.0 to 5.5 V
VCC = 3.0 to 5.5 V
Note : Exclude currents flowing through the A-D converter ladder resistor
Fig. 52 Zero cross detection input characteristics
100V AC
P45/INT1/ZCR
clamp correction
input waveform
Zero cross detection
comparator output
5.7 V
0 V
– 0.7 V
VI
VT
1/fZCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com