Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 65Page - Renesas Technology Corp 3819 Datasheet HTML 66Page - Renesas Technology Corp 3819 Datasheet HTML 67Page - Renesas Technology Corp 3819 Datasheet HTML 68Page - Renesas Technology Corp 3819 Datasheet HTML 69Page - Renesas Technology Corp 3819 Datasheet HTML 70Page - Renesas Technology Corp 3819 Datasheet HTML 71Page - Renesas Technology Corp 3819 Datasheet HTML 72Page - Renesas Technology Corp 3819 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 218 page
background image
55
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
ELECTRICAL CHARACTERISTICS (Vcc = 4.0 to 5.5 V, Ta = –10 to 85°C, unless otherwise noted)
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
VOH
VOH
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IH
IH
IH
IH
IL
IL
IL
IL
ILOAD
ILEAK
VRAM
“H” output voltage P00–P07, P10–P17, P20–P23,
P30–P37, P80–P87, P90–P97,
PA0–PA7
“H” output voltage P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
PB0–PB3
“L” output voltage P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
PB0–PB3
Hysteresis INT0–INT4, SIN1, SIN2, SIN3, SCLK11,
SCLK2, SCLK3, CS, CNTR0, CNTR1
Hysteresis RESET, XIN
Hysteresis XCIN
“H” input current
P24–P27, P40–P47, P50–P57,
P60–P67, P70–P77, PB0–PB3
“H” input current
P80–P87, PA0–PA7 (Note)
“H” input current
RESET, XCIN
“H” input current
XIN
“L” input current
P24–P27, P40–P47, P50–P57,
P60–P67, P70–P77, PB0–PB3
“L” input current
P80–P87, PA0–PA7 (Note)
“L” input current
RESET, XCIN
“L” input current
XIN
IOH=–18 mA
IOH=–10 mA
IOL=10 mA
When using a non-port
function
VI=VCC
VI=VCC
VI=VCC
VI=VCC
VI=VSS
VI=VSS
VI=VSS
VI=VSS
VCC–2.0
VCC–2.0
150
2
0.4
0.5
0.5
4.0
–4.0
500
2.0
5.0
5.0
5.0
–5.0
–5.0
–5.0
900
–10
5.5
Output load current P00–P07, P10–P17, P20–P23,
P30–P37, P90–P97
Output leakage current P00–P07, P10–P17,
P20–P23, P30–P37,
P80–P87, P90–P97,
PA0–PA7
RAM hold voltage
VEE=VCC–36 V, VOL=VCC,
Output transistors “off”
VEE=VCC–38 V,
VOL=VCC–38 V,
Output transistors “off”
When clock is stopped
Note : Except when reading ports P8 or PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com