Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 31Page - Renesas Technology Corp 3819 Datasheet HTML 32Page - Renesas Technology Corp 3819 Datasheet HTML 33Page - Renesas Technology Corp 3819 Datasheet HTML 34Page - Renesas Technology Corp 3819 Datasheet HTML 35Page - Renesas Technology Corp 3819 Datasheet HTML 36Page - Renesas Technology Corp 3819 Datasheet HTML 37Page - Renesas Technology Corp 3819 Datasheet HTML 38Page - Renesas Technology Corp 3819 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 218 page
background image
21
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Timer 1 count stop bit
0 : Operating
1 : Stopped
Timer 2 count stop bit
0 : Operating
1 : Stopped
Timer 1 count source selection bit
0 : f(XIN)/16 or f(XCIN)/16
1 : f(XCIN)
Not used (returns “0” when read)
Timer 2 count source selection bits
b5 b4
0 0 : Timer 1 underflow
0 1 : f(XCIN)
1 0 : External count input CNTR0
1 1 : Not available
Timer 1 output selection bit (P46)
0 : I/O port
1 : Timer 1 output
Not used (returns “0” when read)
b7
Timer 12 mode register
(T12M : address 002816)
b0
Timer 3 count stop bit
0 : Operating
1 : Stopped
Timer 4 count stop bit
0 : Operating
1 : Stopped
Timer 3 count source selection bit
0 : f(XIN)/16 or f(XCIN)/16
1 : Timer 2 underflow
Not used (returns “0” when read)
Timer 4 count source selection bits
b5 b4
0 0 : f(XIN)/16 or f(XCIN)/16
0 1 : Timer 3 underflow
1 0 : External count input CNTR1
1 1 : Not available
Timer 3 output selection bit (P47)
0 : I/O port
1 : Timer 3 output
Not used (returns “0” when read)
Timer 34 mode register
(T34M : address 002916)
b7
b0
Timer 5 count stop bit
0 : Operating
1 : Stopped
Timer 6 count stop bit
0 : Operating
1 : Stopped
Timer 5 count source selection bit
0 : f(XIN)/16 or f(XCIN)/16
1 : Timer 4 underflow
Timer 6 operation mode selection bit
0 : Timer mode
1 : PWM mode
Timer 6 count source selection bits
b5 b4
0 0 : f(XIN)/16 or f(XCIN)/16
0 1 : Timer 5 underflow
1 0 : Timer 4 underflow
1 1 : Not available
Timer 6 (PWM) output selection bit (P61)
0 : I/O port
1 : Timer 6 output
Not used (returns “0” when read)
(do not write “1”)
b7
Timer 56 mode register
(T56M : address 002A16)
b0
Fig. 11 Structure of timer-related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com