Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 56Page - Renesas Technology Corp 3819 Datasheet HTML 57Page - Renesas Technology Corp 3819 Datasheet HTML 58Page - Renesas Technology Corp 3819 Datasheet HTML 59Page - Renesas Technology Corp 3819 Datasheet HTML 60Page - Renesas Technology Corp 3819 Datasheet HTML 61Page - Renesas Technology Corp 3819 Datasheet HTML 62Page - Renesas Technology Corp 3819 Datasheet HTML 63Page - Renesas Technology Corp 3819 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 218 page
background image
46
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 2
µs or more. Then the RESET pin is returned to an “H”
level (the power source voltage should be between 2.8 V and 5.5
V, and XIN oscillation is stable), reset is released. In order to give
the XIN clock time to stabilize, internal operation does not begin
until after about 4000 XIN clock cycles (256 cycles of f(XIN)/16) are
completed. After the reset is completed, the program starts from
the address contained in address FFFD16 (high-order) and ad-
dress FFFC16 (low-order). Make sure that the reset input voltage
is 0.5 V or less for 2.8 V of VCC.
Fig. 44 Example of reset circuit
Fig. 45 Reset sequence
Note : Reset release voltage : VCC = 2.8 V
Power source
voltage
Poweron
(Note)
VCC
RESET
VCC
RESET
Power source voltage
detection circuit
0 V
Reset input
voltage
0.2VCC
0 V
about 4000
XIN clock cycles
RESET
Internal reset
f(XIN) and f(
φ) are in the relationship : f(XIN) = 8•f(φ)
A question mark (?) indicates an undefined state that depends on the previous state.
Notes 1 :
2 :
?
??
SYNC
Data
Address
φ
XIN
Reset address from
vector table
?
?
FFFC
FFFD
ADH, ADL
?
?
?
ADL
ADH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com