Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 64Page - Renesas Technology Corp 3819 Datasheet HTML 65Page - Renesas Technology Corp 3819 Datasheet HTML 66Page - Renesas Technology Corp 3819 Datasheet HTML 67Page - Renesas Technology Corp 3819 Datasheet HTML 68Page - Renesas Technology Corp 3819 Datasheet HTML 69Page - Renesas Technology Corp 3819 Datasheet HTML 70Page - Renesas Technology Corp 3819 Datasheet HTML 71Page - Renesas Technology Corp 3819 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 218 page
background image
54
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
“H” total peak output current P00–P07, P10–P17, P20–P27,
P30–P37, P80–P87, P90–P97,
(Note 1)
PA6, PA7
RECOMMENDED OPERATING CONDITIONS (Vcc = 4.0 to 5.5 V, Ta = –10 to 85°C, unless otherwise noted)
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
kHz
MHz
kHz
–240
–60
100
–120
–30
50
–40
–10
10
–18
–5.0
5.0
250
8.4
50
Min.
Typ.
Max.
Symbol
Parameter
Unit
ΣIOH(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
“H” total peak output current P41–P44, P46, P47, P50–P57,
P60–P67, P70–P77, PA0–PA5,
(Note 1)
PB0–PB3
“L” total peak output current
P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
(Note 1)
PB0–PB3
“H” total average output current P00–P07, P10–P17, P20–P27,
P30–P37, P80–P87, P90–P97,
(Note 1)
PA6, PA7
“H” total average output current P41–P44, P46, P47, P50–P57,
P60–P67, P70–P77, PA0–PA5,
(Note 1)
PB0–PB3
“L” total average output current
P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
(Note 1)
PB0–PB3
“H” peak output current
P00–P07, P10–P17, P20–P23,
P30–P37, P80–P87, P90–P97,
(Note 2)
PA0–PA7
“H” peak output current
P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
(Note 2)
PB0–PB3
“L” peak output current
P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
(Note 3)
PB0–PB3
“H” average output current
P00–P07, P10–P17, P20–P23,
P30–P37, P80–P87, P90–P97,
(Note 3)
PA0–PA7
“H” average output current
P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
(Note 3)
PB0–PB3
“L” average output current
P24–P27, P41–P44, P46, P47,
P50–P57, P60–P67, P70–P77,
(Note 3)
PB0–PB3
Clock input frequency for timers 2 and 4
(duty cycle 50%)
Main clock input oscillation frequency (Note 4)
Sub-clock input oscillation frequency (Note 4, 5)
Notes 1 : The total output current is the sum of all the currents flowing through all the applicable ports.The total average
current is an average value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current in an average value measured over 100 ms.
4: When the oscillation frequency has a 50% duty cycle.
5: When using the microcomputer in low-speed operation mode, set the sub-clock input oscillation frequency on
condition that f(XCIN) < f(XIN)/3.
32.768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com