Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 101 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 101 Page - NEC

Back Button UPD78044F Datasheet HTML 97Page - NEC UPD78044F Datasheet HTML 98Page - NEC UPD78044F Datasheet HTML 99Page - NEC UPD78044F Datasheet HTML 100Page - NEC UPD78044F Datasheet HTML 101Page - NEC UPD78044F Datasheet HTML 102Page - NEC UPD78044F Datasheet HTML 103Page - NEC UPD78044F Datasheet HTML 104Page - NEC UPD78044F Datasheet HTML 105Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 472 page
background image
101
Chapter 4
Port Functions
User’s Manual U16504EE1V1UD00
4.4.3 Operations on input/output port
(1)
Output mode
An operation is performed on the output latch contents, and the result is written to the output latch.
The output latch contents are output from the pins.
Once data is written to the output latch, it is retained until data is written to the output latch again.
(2)
Input mode
The output latch contents are undefined, but since the output buffer is OFF, the pin status does not
change.
Caution:
In the case of 1-bit memory manipulation instruction, although a single bit is manipu-
lated the port is accessed as an 8-bit unit. Therefore, on a port with a mixture of input
and output pins, the output latch contents for pins specified as input are undefined,
even for bits other than the manipulated bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com