Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 103 Page - NEC

Part # UPD78044F
Description  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 103 Page - NEC

Back Button UPD78044F Datasheet HTML 99Page - NEC UPD78044F Datasheet HTML 100Page - NEC UPD78044F Datasheet HTML 101Page - NEC UPD78044F Datasheet HTML 102Page - NEC UPD78044F Datasheet HTML 103Page - NEC UPD78044F Datasheet HTML 104Page - NEC UPD78044F Datasheet HTML 105Page - NEC UPD78044F Datasheet HTML 106Page - NEC UPD78044F Datasheet HTML 107Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 472 page
background image
103
User’s Manual U16504EE1V1UD00
Chapter 5
Clock Generator
5.1 Clock Generator Functions
The clock generator generates the clock to be supplied to the CPU and peripheral hardware.
The following type of system clock oscillators is available.
(1)
Main system clock oscillator
This circuit oscillates at frequencies of 4 to 8.38 MHz. Oscillation can be stopped by executing the
STOP instruction or setting the processor clock control register.
5.2 Clock Generator Configuration
The clock generator consists of the following hardware.
Figure 5-1:
Block Diagram of Clock Generator
Note: The Standby function is described in the Chapter 21
”Standby Function” on page 373".
Table 5-1:
Clock Generator Configuration
Item
Configuration
Control register
Processor clock control register (PCC)
Oscillator
Main system clock oscillator
Subsystem clock oscillator
f X
f X
f X
2
f X
3
2
f X
4
2
CPU Clock (f
Prescaler
22
Prescaler
Clock to peripheral
hardware
Main System
Clock
Oscillator
f X
STOP
X1
X2
Standby
Control
Circuit Note
CPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com