Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2810PBKA Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2810PBKA
Description  TMS320F281x Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2810PBKA Datasheet(HTML) 161 Page - Texas Instruments

Back Button TMS320F2810PBKA Datasheet HTML 157Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 158Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 159Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 160Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 161Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 162Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 163Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 164Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 173 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
NanoFree is a trademark of Texas Instruments.
PACKAGE OUTLINE
4225682/A 02/2020
www.ti.com
NFBGA - 1.4 mm max height
PLASTIC BALL GRID ARRAY
GBB0179A
A
0.12 C
0.15
C A B
0.05
C
B
SYMM
SYMM
BALL A1 CORNER
12.1
11.9
12.1
11.9
1.4 MAX
0.45
0.35
SEATING PLANE
C
0.8 TYP
10.4
TYP
10.4 TYP
(0.8) TYP
(0.8) TYP
179X Ø 0.55
0.45
0.8 TYP
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4 5 6 7 8 9 10 11 12 13
BALL TYP
N
P
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com