Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 204Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 205Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 206Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 207Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 208Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 184 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
8 to 6
DMAIW[2:0]
000
R/W
Wait states between access cycles when DMA single
address transfer is performed.
Specify the number of idle cycles to be inserted after
an access to an external device with DACK when DMA
single address transfer is performed. The method of
inserting idle cycles depends on the contents of
DMAIWA.
000: No idle cycle inserted
001: 1 idle cycle inserted
010: 2 idle cycles inserted
011: 4 idle cycles inserted
100: 6 idle cycles inserted
101: 8 idle cycles inserted
110: 10 idle cycles inserted
111: 12 idle cycles inserted
5
DMAIWA
0
R/W
Method of inserting wait states between access cycles
when DMA single address transfer is performed.
Specifies the method of inserting the idle cycles
specified by the DMAIW[2:0] bit. Clearing this bit will
make this LSI insert the idle cycles when another
device, which includes this LSI, drives the data bus
after an external device with DACK drove it. However,
when the external device with DACK drives the data
bus continuously, idle cycles are not inserted. Setting
this bit will make this LSI insert the idle cycles after an
access to an external device with DACK, even when
the continuous access cycles to an external device
with DACK are performed.
0: Idle cycles inserted when another device drives the
data bus after an external device with DACK drove
it.
1: Idle cycles always inserted after an access to an
external device with DACK
4
⎯
1
R
Reserved
This bit is always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com