Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 115Page - Renesas Technology Corp 3819 Datasheet HTML 116Page - Renesas Technology Corp 3819 Datasheet HTML 117Page - Renesas Technology Corp 3819 Datasheet HTML 118Page - Renesas Technology Corp 3819 Datasheet HTML 119Page - Renesas Technology Corp 3819 Datasheet HTML 120Page - Renesas Technology Corp 3819 Datasheet HTML 121Page - Renesas Technology Corp 3819 Datasheet HTML 122Page - Renesas Technology Corp 3819 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 218 page
background image
105
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.4 A-D conversion
3819 Group USER’S MANUAL
2.4 A-D conversion
2.4.1 Related registers
Fig. 2.4.2 Structure of A-D conversion register
Fig. 2.4.1 Structure of AD/DA control register
AD/DA control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
Analog input pin selection bits
AD/DA control register (ADCON) [Address:2C16]
0 0 0 0 : P70/AN0
0 0 0 1 : P71/AN1
0 0 1 0 : P72/AN2
0 0 1 1 : P73/AN3
0 1 0 0 : P74/AN4
0 1 0 1 : P75/AN5
0 1 1 0 : P76/AN6
0 1 1 1 : P77/AN7
1 0 0 0 : P50/SIN2/AN8
1 0 0 1 : P51/SOUT2/AN9
1 0 1 0 : P52/SCLK2/AN10
1 0 1 1 : P53/SRDY2/AN11
1 1 0 0 : P54/SIN3/AN12
1 1 0 1 : P55/SOUT3/AN13
1 1 1 0 : P56/SCLK3/AN14
1 1 1 1 : P57/SRDY3/AN15
b3 b2 b1 b0
1
0 : Conversion in progress
1 : Conversion completed
A-D conversion completion bit
4
1
0
2
3
0
0
0
0
0
!
!
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is "0."
5
0
0 : Disable
1 : Enable
D-A output enable bit
6
0
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is "0."
7
A-D conversion register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
A-D conversion register (AD) [Address:2D16]
The read-only register which A-D conversion results are stored.
!
0
1
2
3
4
5
6
7
?
?
?
?
?
?
?
?
!
!
!
!
!
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com