Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 111Page - Renesas Technology Corp 3819 Datasheet HTML 112Page - Renesas Technology Corp 3819 Datasheet HTML 113Page - Renesas Technology Corp 3819 Datasheet HTML 114Page - Renesas Technology Corp 3819 Datasheet HTML 115Page - Renesas Technology Corp 3819 Datasheet HTML 116Page - Renesas Technology Corp 3819 Datasheet HTML 117Page - Renesas Technology Corp 3819 Datasheet HTML 118Page - Renesas Technology Corp 3819 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 218 page
background image
101
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.3 Serial I/O
3819 Group USER’S MANUAL
(3) Cyclic transmission or reception of block data (data of a specified number of bytes) between microcomputers
[without using an automatic transfer]
Outline : When a clock synchronous serial I/O is used for communication, synchronization of the clock and the
data between the transmitter and receiver sides may be lost because of noise included in the
synchronizing clock. Thus, it is necessary to be corrected constantly. This “heading adjustment” is carried
out by using the interval between blocks in this example.
Fig. 2.3.23 Connection diagram [Cyclic transmission or reception of block data between microcomputers]
Specifications :
• Synchronous clock frequency : 131 kHz (f(XIN) = 4.19 MHz is divided by 32)
• Byte cycle : 488
µs
• Number of bytes for transmission or reception : each 8 byte/block
• Block transmission cycle : 16 ms
• Block transmission period : 3.5 ms
• Interval between blocks : 12.5 ms
• Heading adjustive time : 8 ms
• Transmission direction : LSB first
Limitations of the specifications
1. Reading of the reception data and setting of the next transmission data must be completed within the time
obtained from “byte cycle – time for transmitting 1-byte data” (in this example, the time taken from generating
of the Serial I/O 1 interrupt request to generating of the next synchronizing clock is 431
µs).
2. “Heading adjustive time < interval between blocks” must be satisfied.
3. Although the transmission direction can be switched for the Serial I/O of 3819 group, it cannot be
switched for some serial I/Os of 740 family including 38000 series (only LSB first). Be sure to check when
deciding specifications.
SCLK
SIN
SOUT
Master unit
SCLK
SIN
SOUT
Slave unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com