Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 108Page - Renesas Technology Corp 3819 Datasheet HTML 109Page - Renesas Technology Corp 3819 Datasheet HTML 110Page - Renesas Technology Corp 3819 Datasheet HTML 111Page - Renesas Technology Corp 3819 Datasheet HTML 112Page - Renesas Technology Corp 3819 Datasheet HTML 113Page - Renesas Technology Corp 3819 Datasheet HTML 114Page - Renesas Technology Corp 3819 Datasheet HTML 115Page - Renesas Technology Corp 3819 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 218 page
background image
98
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.3 Serial I/O
3819 Group USER’S MANUAL
Fig. 2.3.20 Setting of related registers [Data transmission or reception using automatic transfer]
1
Automatic transfer mode
SIOAC
Serial I/O automatic transfer control register (Address:1A 16)
0
0
0
Fullduplex (transmit/receive) mode
Synchronous clock output pin : S CLK11
Set to a transfer completion state (stop
transferring) in initialization.
(After setting a transmission data, set to
“1” at starting automatic transfer.)
Set “the number of transfer bytes – 1”
(in this example, (8 bytes – 1) = 7 is set after
completing to transfer 1-byte data, and
before starting to transfer the next data.)
SIODP
Serial I/O automatic transfer data pointer (Address:1816)
011 1
0
Serial I/O automatic transfer interrupt : Disabled
ICON1
Interrupt control register 1 (Address:3E16)
0
1
Set an interval of transfer clock,32 bits.
(set so that “setting value + 2 = 32.”)
SIOAI
Serial I/O automatic transfer interval register (Address:1C16)
11 0
1
01
0
SIO1CON
Serial I/O1 control register (Address:1916)
0
0
11
Internal synchronous clock : f(X IN)/32
Use Serial I/O 1
Not use SRDY1 signal output function
LSB first
Internal clock
0
CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com