Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 106Page - Renesas Technology Corp 3819 Datasheet HTML 107Page - Renesas Technology Corp 3819 Datasheet HTML 108Page - Renesas Technology Corp 3819 Datasheet HTML 109Page - Renesas Technology Corp 3819 Datasheet HTML 110Page - Renesas Technology Corp 3819 Datasheet HTML 111Page - Renesas Technology Corp 3819 Datasheet HTML 112Page - Renesas Technology Corp 3819 Datasheet HTML 113Page - Renesas Technology Corp 3819 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 218 page
background image
96
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.3 Serial I/O
3819 Group USER’S MANUAL
Control procedure :When the registers are set as shown in Fig. 2.3.15, the Serial I/O 1 can transmit one-byte data
simply by writing data to the Serial I/O 1 register.
Thus, after setting the CS signal to “L”, write the transmission data to the Serial I/O 1 register
on a one-byte base, and return the CS signal to “H” when the desired number of bytes have
been transmitted.
Fig. 2.3.17 Control procedure [Output of serial data]
Set the Serial I/O 1.
Set the CS signal output level to “H.”
Set the CS signal output port.
Set the CS signal output level to “L.”
Set the Serial I/O 1 interrupt request bit to “0”.
Write a transmission data.
(start to transmit 1-byte data)
Check the completion of transmitting 1-byte
data.
Use any of RAM area as a counter for
counting the number of transmitted bytes.
Check that transmission of the target num-
ber of bytes has been completed.
Return the CS signal output level to “H” when
transmission of the target number of bytes is
completed.
RESET
P6 (Address:0C 16), bit7
0
0
N
Y
1
IREQ1 (Address:3C 16), bit3?
Complete to transmit data?
Initialization
SIO1CON
SIOAC
P6
P6D
(Address:19 16)
(Address:1A16)
(Address:0C16), bit7
(Address:0D16), bit7
010010102
000000002
1
1
IREQ1 (Address:3C 16), bit3
0
SIO1 (Address:1B 16)
P6 (Address:0C16), bit7
1
a transmission
data
q
q
q
q
q
q
q
q
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com