Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 104Page - Renesas Technology Corp 3819 Datasheet HTML 105Page - Renesas Technology Corp 3819 Datasheet HTML 106Page - Renesas Technology Corp 3819 Datasheet HTML 107Page - Renesas Technology Corp 3819 Datasheet HTML 108Page - Renesas Technology Corp 3819 Datasheet HTML 109Page - Renesas Technology Corp 3819 Datasheet HTML 110Page - Renesas Technology Corp 3819 Datasheet HTML 111Page - Renesas Technology Corp 3819 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 218 page
background image
94
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.3 Serial I/O
3819 Group USER’S MANUAL
2.3.4 Serial I/O application examples
(1) Output of serial data (control of a peripheral IC)
Outline : The port is connected to the CS pin of a peripheral IC and the serial transmission is controlled.
Fig. 2.3.13 Connection diagram [Output of serial data]
Specifications : • The Serial I/O 1 is used (the automatic transfer function is not used)
• Synchronous clock frequency: 131 kHz ( f(XIN) = 4.19 MHz is divided by 32)
• Transmission direction: LSB first
• The Serial I/O 1 interrupt is not used.
• The Port P67 is connected to the CS pin (“L” active) of the peripheral IC for a transmission
control (the output level of the port P67 is controlled by software).
Figre 2.3.14 shows an output timing chart of serial data.
Fig. 2.3.14 Timing chart [Output of serial data]
P67
P66/SCLK11
P65/SOUT1
3819 group
CS
CLK
DATA
Peripheral IC
CS
CLK
DATA
CS
CLK
DATA
DO0
DO1
DO2
DO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com