Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 134Page - Renesas Technology Corp 3819 Datasheet HTML 135Page - Renesas Technology Corp 3819 Datasheet HTML 136Page - Renesas Technology Corp 3819 Datasheet HTML 137Page - Renesas Technology Corp 3819 Datasheet HTML 138Page - Renesas Technology Corp 3819 Datasheet HTML 139Page - Renesas Technology Corp 3819 Datasheet HTML 140Page - Renesas Technology Corp 3819 Datasheet HTML 141Page - Renesas Technology Corp 3819 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 218 page
background image
124
3819 Group USER’S MANUAL
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.5 FLD controller
Fig. 2.5.22 Setting of related registers (2) [FLD automatic display and Key-scan using digit pin]
0
Set ports PA7–PA0 to ordinary port
PASPR
Port PA segment/port switch register (Address:3516)
00 0
0
00
0
Set the FLD digit interrupt request bit to “0”
IREQ2
Interrupt request register 2 (Address:3D16)
0
FLD digit interrupt : Enabled
ICON2
Interrupt control register 2 (Address:3F16)
0 1
Set ports P27–P24 to the input mode
P2D
Port P2 direction register (Address:0516)
0
00
0
Start displaying
FLDM2
FLDC mode register 2 (Address:3716)
00
1
1
0
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com