Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3819 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # 3819
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3819 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button 3819 Datasheet HTML 137Page - Renesas Technology Corp 3819 Datasheet HTML 138Page - Renesas Technology Corp 3819 Datasheet HTML 139Page - Renesas Technology Corp 3819 Datasheet HTML 140Page - Renesas Technology Corp 3819 Datasheet HTML 141Page - Renesas Technology Corp 3819 Datasheet HTML 142Page - Renesas Technology Corp 3819 Datasheet HTML 143Page - Renesas Technology Corp 3819 Datasheet HTML 144Page - Renesas Technology Corp 3819 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 218 page
background image
127
2. APPLICATION
MITSUBISHI MICROCOMPUTER
3819 Group
2.5 FLD controller
3819 Group USER’S MANUAL
Control procedure :
Figure 2.5.24 shows a control procedure.
Fig. 2.5.24 Control procedure [FLD automatic display and Key-scan using digit pin]
Set the related functions for the FLD automatic
display.
Set segment/digit/port.
Set the bits 7 to 4 of the Port P2 direction register
used for the Key- scan to the input mode.
To turn on the display of the corresponding segment : set to “1”
To turn off the display of the corresponding segment : set to “0”
( Note)
Set the FLD digit interrupt request bit to “0”.
Wait until completing to write data to the FLD
digit interrupt request bit.
FLD digit interrupt : Enabled
Start the FLD automatic display.
Note : The display data is rewritten at any time.
RESET
Initialization
FLDM1
FLDM2
FLDDP
P0SDR
P2DPR
P8SPR
PASPR
P2D
(Address:3616)
(Address:3716)
(Address:3816)
(Address:3216)
(Address:3316)
(Address:3416)
(Address:3516)
(Address:0516)
100000002
000000012
000010012
000000112
000000002
000000002
000000002
000000002
IREQ2 (Address:3D 16), bit6
0
Wait for 1 or more cycles
ICON2 (Address:3F 16)
FLDM2 (Address:37 16)
, bit6
1
, bit1
1
~
~
FLD automatic
display RAM
(Address:0FB0 16 to 0FC916)
a data to be
displayed
q
q
q
q
q
q
q
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com