Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2810PBKA Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2810PBKA
Description  TMS320F281x Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2810PBKA Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320F2810PBKA Datasheet HTML 125Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 126Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 127Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 128Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 129Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 130Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 131Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 132Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 173 page
background image
129
TMS320F2810, TMS320F2811, TMS320F2812
www.ti.com
SPRS174U – APRIL 2001 – REVISED JULY 2019
Submit Documentation Feedback
Product Folder Links: TMS320F2810 TMS320F2811 TMS320F2812
Detailed Description
Copyright © 2001–2019, Texas Instruments Incorporated
Table 6-15. Addresses of Flash Sectors in F2812 and F2811
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3D 8000
0x3D 9FFF
Sector J, 8K x 16
0x3D A000
0x3D BFFF
Sector I, 8K x 16
0x3D C000
0x3D FFFF
Sector H, 16K x 16
0x3E 0000
0x3E 3FFF
Sector G, 16K x 16
0x3E 4000
0x3E 7FFF
Sector F, 16K x 16
0x3E 8000
0x3E BFFF
Sector E, 16K x 16
0x3E C000
0x3E FFFF
Sector D, 16K x 16
0x3F 0000
0x3F 3FFF
Sector C, 16K x 16
0x3F 4000
0x3F 5FFF
Sector B, 8K x 16
0x3F 6000
0x3F 7F80
0x3F 7FF5
0x3F 7FF6
0x3F 7FF7
0x3F 7FF8
0x3F 7FFF
Sector A, 8K x 16
Program to 0x0000 when using the
Code Security Module
Boot-to-Flash Entry Point
(program branch instruction here)
Security Password (128-Bit)
(Do not program to all zeros)
Table 6-16. Addresses of Flash Sectors in F2810
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x3E 8000
0x3E BFFF
Sector E, 16K x 16
0x3E C000
0x3E FFFF
Sector D, 16K x 16
0x3F 0000
0x3F 3FFF
Sector C, 16K x 16
0x3F 4000
0x3F 5FFF
Sector B, 8K x 16
0x3F 6000
0x3F 7F80
0x3F 7FF5
0x3F 7FF6
0x3F 7FF7
0x3F 7FF8
0x3F 7FFF
Sector A, 8K x 16
Program to 0x0000 when using the
Code Security Module
Boot-to-Flash Entry Point
(program branch instruction here)
Security Password (128-Bit)
(Do not program to all zeros)
The “Low 64K” of the memory address range maps into the data space of the 240x. The “High 64K” of the
memory address range maps into the program space of the 24x/240x. 24x/240x-compatible code will
execute only from the “High 64K”memory area. Hence, the top 32K of Flash and H0 SARAM block can be
used to run 24x/240x-compatible code (if MP/MC mode is low) or, on the F2812, code can be executed
from XINTF Zone 7 (if MP/MC mode is high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com