Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 470Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 471Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 472Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 473Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 474Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 475Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 476Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 477Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 450 of 1200
REJ09B0344-0200
(2)
Examples of Buffer Operation
(a)
When TGR is an output compare register
Figure 10.17 shows an operation example in which PWM mode 1 has been designated for channel
0, and buffer operation has been designated for TGRA and TGRC. The settings used in this
example are TCNT clearing by compare match B, 1 output at compare match A, and 0 output at
compare match B. In this example, the TTSA bit in TBTM is cleared to 0.
As buffer operation has been set, when compare match A occurs the output changes and the value
in buffer register TGRC is simultaneously transferred to timer general register TGRA. This
operation is repeated each time that compare match A occurs.
For details of PWM modes, see section 10.4.5, PWM Modes.
TCNT value
TGRB_0
H'0000
TGRC_0
TGRA_0
H'0200
H'0520
TIOCA
H'0200
H'0450
H'0520
H'0450
TGRA_0
H'0450
H'0200
Transfer
Time
Figure 10.17 Example of Buffer Operation (1)
(b)
When TGR is an input capture register
Figure 10.18 shows an operation example in which TGRA has been designated as an input capture
register, and buffer operation has been designated for TGRA and TGRC.
Counter clearing by TGRA input capture has been set for TCNT, and both rising and falling edges
have been selected as the TIOCA pin input capture input edge.
As buffer operation has been set, when the TCNT value is stored in TGRA upon the occurrence of
input capture A, the value previously stored in TGRA is simultaneously transferred to TGRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com