Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 472Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 473Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 474Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 475Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 476Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 477Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 478Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 479Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 452 of 1200
REJ09B0344-0200
TCNT_0 value
H'0000
TGRA_0
Time
TIOCA
TGRC_0
H'0520
H'0520
H'0450
H'0450
H'0200
H'0520
H'0450
H'0200
H'0200
TGRB_0
TGRA_0
Transfer
Figure 10.19 Example of Buffer Operation When TCNT_0 Clearing is Selected for
TGRC_0 to TGRA_0 Transfer Timing
10.4.4
Cascaded Operation
In cascaded operation, two 16-bit counters for different channels are used together as a 32-bit
counter.
This function works by counting the channel 1 counter clock upon overflow/underflow of
TCNT_2 as set in bits TPSC0 to TPSC2 in TCR.
Underflow occurs only when the lower 16-bit TCNT is in phase counting mode.
Table 10.44 shows the register combinations used in cascaded operation.
Note:
When phase counting mode is set for channel 1, the counter clock setting is invalid and the
counters operates independently in phase counting mode.
Table 10.44 Cascaded Combinations
Combination
Upper 16 Bits
Lower 16 Bits
Channels 1 and 2
TCNT_1
TCNT_2
For simultaneous input capture of TCNT_1 and TCNT_2 during cascaded operation, additional
input capture input pins can be specified by the input capture control register (TICCR). For input
capture in cascade connection, refer to section 10.7.22, Simultaneous Capture of TCNT_1 and
TCNT_2 in Cascade Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com