| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 475 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 475 Page - Renesas Technology Corp |
|
475 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 451 of 1200 REJ09B0344-0200 TCNT value H'09FB H'0000 TGRC Time H'0532 TIOCA TGRA H'0F07 H'0532 H'0F07 H'0532 H'0F07 H'09FB Figure 10.18 Example of Buffer Operation (2) (3) Selecting Timing for Transfer from Buffer Registers to Timer General Registers in Buffer Operation The timing for transfer from buffer registers to timer general registers can be selected in PWM mode 1 or 2 for channel 0 or in PWM mode 1 for channels 3 and 4 by setting the buffer operation transfer mode registers (TBTM_0, TBTM_3, and TBTM_4). Either compare match (initial setting) or TCNT clearing can be selected for the transfer timing. TCNT clearing as transfer timing is one of the following cases. • When TCNT overflows (H'FFFF to H'0000) • When H'0000 is written to TCNT during counting • When TCNT is cleared to H'0000 under the condition specified in the CCLR2 to CCLR0 bits in TCR Note: TBTM must be modified only while TCNT stops. Figure 10.19 shows an operation example in which PWM mode 1 is designated for channel 0 and buffer operation is designated for TGRA_0 and TGRC_0. The settings used in this example are TCNT_0 clearing by compare match B, 1 output at compare match A, and 0 output at compare match B. The TTSA bit in TBTM_0 is set to 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |