Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F72115D160FPV Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 149Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 150Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 151Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 152Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 153Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 154Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 155Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 156Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1228 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 May. 08, 2008 Page 129 of 1200
REJ09B0344-0200
6.7
Interrupt Response Time
Table 6.5 lists the interrupt response time, which is the time from the occurrence of an interrupt
request until the interrupt exception handling starts and fetching of the first instruction in the
exception service routine begins. The interrupt processing operations differ in the cases when
banking is disabled, when banking is enabled without register bank overflow, and when banking is
enabled with register bank overflow. Figures 6.4 and 6.5 show examples of pipeline operation
when banking is disabled. Figures 6.6 and 6.7 show examples of pipeline operation when banking
is enabled without register bank overflow. Figures 6.8 and 6.9 show examples of pipeline
operation when banking is enabled with register bank overflow.
Table 6.5
Interrupt Response Time
Number of States
Item
NMI
User Break
H-UDI
IRQ
Peripheral
Module
Remarks
Time from occurrence of interrupt
request until interrupt controller
identifies priority, compares it with
mask bits in SR, and sends interrupt
request signal to CPU
2 Icyc
+
2 Bcyc +
1 Pcyc
3 Icyc
2 Icyc
+
1 Pcyc
2 Icyc
+
3 Bcyc +
1 Pcyc
2 Icyc
+
1 Bcyc +
1 Pcyc
Min.
3 Icyc + m1 + m2
No register
banking
Max.
4 Icyc + 2(m1 + m2) + m3
Min. is when the interrupt
wait time is zero.
Max. is when a higher-
priority interrupt request has
occurred during interrupt
exception handling.
Min.
⎯
3 Icyc + m1 + m2
Register
banking
without
register
bank
overflow
Max.
⎯
12 Icyc + m1 + m2
Min. is when the interrupt
wait time is zero.
Max. is when an interrupt
request has occurred during
execution of the RESBANK
instruction.
Min.
⎯
3 Icyc + m1 + m2
Time from
input of
interrupt
request signal
to CPU until
sequence
currently being
executed is
completed,
interrupt
exception
handling starts,
and first
instruction in
interrupt
exception
service routine
is fetched
Register
banking
with
register
bank
overflow
Max.
⎯
3 Icyc + m1 + m2 + 19(m4)
Min. is when the interrupt
wait time is zero.
Max. is when an interrupt
request has occurred during
execution of the RESBANK
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com