Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 81 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 81 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 77Page - Intel Corporation PIIX3 Datasheet HTML 78Page - Intel Corporation PIIX3 Datasheet HTML 79Page - Intel Corporation PIIX3 Datasheet HTML 80Page - Intel Corporation PIIX3 Datasheet HTML 81Page - Intel Corporation PIIX3 Datasheet HTML 82Page - Intel Corporation PIIX3 Datasheet HTML 83Page - Intel Corporation PIIX3 Datasheet HTML 84Page - Intel Corporation PIIX3 Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
81
Bit
Description
5
Software Debug (SWDBG). 1=Debug mode. 0=Normal Mode. In SW Debug mode, the Host
Controller clears the Run/Stop bit after the completion of each USB transaction. The next
transaction is executed when software sets the Run/Stop bit back to 1. The SWDBG bit must
only be manipulated when the controller is in the stopped state. This can be determined by
checking the HCHalted bit in the USBSTS register.
4
Force Global Resume (FGR). 1=Host Controller sends the Global Resume signal on the
USB. Software sets this bit to 0 after 20 ms has elapsed to stop sending the Global Resume
signal. At that time all USB devices should be ready for bus activity. The Host Controller sets
this bit to 1 when a resume event (connect, disconnect, or K-state) is detected while in global
suspend mode. Software resets this bit to 0 to end Global Resume signaling. The 1 to 0
transition causes the port to send a low speed EOP signal. This bit remains a 1 until the EOP
has completed.
3
Enter Global Suspend Mode (EGSM). 1=Host Controller enters the Global Suspend mode.
No USB transactions occur during this time. The Host Controller is able to receive resume
signals from USB and interrupt the system. Software resets this bit to 0 to come out of Global
Suspend mode. Software writes this bit to 0 at the same time that Force Global Resume (bit 4)
is written to 0 or after writing bit 4 to 0. Software must also ensure that the Run/Stop bit (bit 0)
is cleared prior to setting this bit.
2
Global Reset (GRESET). When this bit is set, the Host Controller sends the global reset signal
on the serial bus and then resets all its logic, including the internal hub registers. The hub
registers are reset to their power on state. This bit is reset by the software after a minimum of
10 ms has elapsed as specified in chapter 7 of the USB Specification.
Note: Chip Hardware Reset has the same effect as Global Reset (bit 2), except that the Host
Controller does not send the Global Reset on USB.
1
Host Controller Reset (HCRESET). When this bit is set to a 1, the Host Controller module
resets its internal timers, counters, state machines, etc. to their initial value. Any transaction
currently in progress on USB is immediately terminated. This bit is reset by the Host Controller
when the reset process is complete.
The HCRESET acts on Hub registers are slightly different for Chip Hardware Reset and
Global USB Reset. The HCReset affects bits [8,3:0] of the Port Status and Control Register
(PORTSC) of each port. HCRESET resets the state machines of the Host Controller including
the Connect/Disconnect state machine (one for each port). When the Connect/Disconnect
state machine is reset, the output that signals connect/disconnect are negated to 0, effectively
signaling a disconnect, even if a device is attached to the port. This virtual disconnect causes
the port to be disabled. This disconnect and disabling of the port causes bit 1 (connect status
change) and bit 3 (port enable/disable change) of the PORTSC to get set. The disconnect also
causes bit 8 of PORTSC to reset. About 64 bit times after HCRESET goes to 0, the connect
and low-speed detect will take place and bits 0 and 8 of the PORTSC will change accordingly.
0
Run/Stop (RS). 1=Run. 0=Stop. When set to a 1, the Host Controller proceeds with execution
of the schedule. The Host Controller continues execution as long as this bit is set. When this
bit is set to 0, the Host Controller completes the current transaction on the USB and then halts.
The HC Halted bit in the status register indicates when the Host Controller has finished the
transaction and has entered the stopped state. The Host Controller clears this bit when the
following fatal errors occur: consistency check failure, PCI Bus errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com