Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 39 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 39 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 35Page - Intel Corporation PIIX3 Datasheet HTML 36Page - Intel Corporation PIIX3 Datasheet HTML 37Page - Intel Corporation PIIX3 Datasheet HTML 38Page - Intel Corporation PIIX3 Datasheet HTML 39Page - Intel Corporation PIIX3 Datasheet HTML 40Page - Intel Corporation PIIX3 Datasheet HTML 41Page - Intel Corporation PIIX3 Datasheet HTML 42Page - Intel Corporation PIIX3 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
39
Bit
Description
0
PIIX: ISA Clock Divisor Status
RO. This bit reports the strapping option on the SYSCLK
signal. 1=clock divisor of 3 (PCICLK=25 MHz). 0=Clock divisor of 4 (PCICLK=33 MHz). Note
that, for PCICLK=30 MHz, a clock divisor of 4 must be selected and produces a SYSCLK of
7.5 MHz.
PIIX3: ISA Clock Divisor
R/W. This bit controls the frequency of the SYSCLK signal.
1=clock divisor of 3 (PCICLK=25 MHz). 0=Clock divisor of 4 (PCICLK=33 MHz). Note that, for
PCICLK=30 MHz, a clock divisor of 4 must be selected and produces a SYSCLK of 7.5 MHz.
The default value of this bit is determined by the strapping option on the SYSCLK signal.
2.2.13.
MBIRQ[1:0]—MOTHERBOARD DEVICE IRQ ROUTE CONTROL REGISTERS (Function 0)
Address Offset :
70h—MBIRQ0 (PIIX and PIIX3)
71h—MBIRQ1 (PIIX only)
Default Value:
80h
Attribute:
R/W
These registers control the routing of motherboard device interrupts (MIRQ[1:0]) to the internal IRQ inputs of
the interrupt controller. Each MIRQx# can be independently routed to any one of 11 interrupts.
Note that, when an MIRQ line and a PIRQ# line are steered to the same ISA interrupt, the device connected
to the MIRQ line must be set for active high, level interrupts. In this case, the ISA interrupt will be masked. Bit
6 of that motherboard device IRQ Route Control Register must be programmed to a 0.
Bit
Description
7
Interrupt Routing Enable. 0=Enable routing; 1=Disable routing.
6
MIRQx/IRQx Sharing Enable. 0=Disable sharing; 1=Enable sharing. When sharing is
disabled and bit 7 of this register is 0, the interrupt specified by bits [3:0] is masked. Interrupt
sharing should only be enabled when the device connected to the MIRQ line and the device
connected to the ISA IRQ line both produce active high, level interrupts.
5
PIIX: Reserved
PIIX3: IRQ0 Enable, 1=Enable (IRQ0 Output), 0 = Disable (default, MIRQ0 input). When
enabled the MIRQ0/IRQ0 pin functions as the IRQ0 output and the IDE Interrupt Status flag in
Bus Master IDE Status Register is set by the IRQ15 input signal. When disabled the
MIRQ0/IRQ0 pin functions as the MIRQ0 input and the IDE Interrupt Status flag in the Bus
Master IDE Status Register is set by the MIRQ0 input signal.
4
Reserved. Read as zero.
3:0
Interrupt Routing. When bit 7=0, this field selects the routing of the MBIRQx to one of the
interrupt controller interrupt inputs.
Bits[3:0]
IRQ Routing
Bits[3:0]
IRQ Routing
Bits[3:0]
IRQ Routing
0000
Reserved
0110
IRQ6
1011
IRQ11
0001
Reserved
0111
IRQ7
1100
IRQ12
0010
Reserved
1000
Reserved
1101
Reserved
0011
IRQ3
1001
IRQ9
1110
IRQ14
0100
IRQ4
1010
IRQ10
1111
IRQ15
0101
IRQ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com