Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 27 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 27 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 23Page - Intel Corporation PIIX3 Datasheet HTML 24Page - Intel Corporation PIIX3 Datasheet HTML 25Page - Intel Corporation PIIX3 Datasheet HTML 26Page - Intel Corporation PIIX3 Datasheet HTML 27Page - Intel Corporation PIIX3 Datasheet HTML 28Page - Intel Corporation PIIX3 Datasheet HTML 29Page - Intel Corporation PIIX3 Datasheet HTML 30Page - Intel Corporation PIIX3 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
27
Table 5. ISA-Compatible and Power Management Registers
Address
Address (bits)
Type
Name
Access
(hex)
FEDC
BA98
7654
3210
0000h3
0000
0000
000x
0000
r/w
DMA1 CH0 Base and Current
Address
PCI
0001h3
0000
0000
000x
0001
r/w
DMA1 CH0 Base and Current
Count
PCI
0002h3
0000
0000
000x
0010
r/w
DMA1 CH1 Base and Current
Address
PCI
0003h3
0000
0000
000x
0011
r/w
DMA1 CH1 Base and Current
Count
PCI
0004h3
0000
0000
000x
0100
r/w
DMA1 CH2 Base and Current
Address
PCI
0005h3
0000
0000
000x
0101
r/w
DMA1 CH2 Base and Current
Count
PCI
0006h3
0000
0000
000x
0110
r/w
DMA1 CH3 Base and Current
Address
PCI
0007h3
0000
0000
000x
0111
r/w
DMA1 CH3 Base and Current
Count
PCI
0008h3
0000
0000
000x
1000
r/w
DMA1 Status(r) Command(w)
Register
PCI
0009h3
0000
0000
000x
1001
wo
DMA1 Write Request
PCI
000Ah3
0000
0000
000x
1010
wo
DMA1 Write Single Mask Bit
PCI
000Bh3
0000
0000
000x
1011
wo
DMA1 Write Mode
PCI
000Ch3
0000
0000
000x
1100
wo
DMA1 Clear Byte Pointer
PCI
000Dh3
0000
0000
000x
1101
wo
DMA1 Master Clear
PCI
000Eh3
0000
0000
000x
1110
wo
DMA1 Clear Mask
PCI
000Fh3
0000
0000
000x
1111
r/w
DMA1 Read/Write All Mask
Register Bits
PCI
0020h
0000
0000
001x
xx00
r/w
INT 1 Control
PCI/ISA
0021h
0000
0000
001x
xx01
r/w
INT 1 Mask
PCI/ISA
0040h
0000
0000
010x
0000
r/w
Timer Counter 1 - Counter 0 Count
PCI/ISA
0041h
0000
0000
010x
0001
r/w
Timer Counter 1 - Counter 1 Count
PCI/ISA
0042h
0000
0000
010x
0010
r/w
Timer Counter 1 - Counter 2 Count
PCI/ISA
0043h
0000
0000
010x
0011
wo
Timer Counter 1 Command Mode
PCI/ISA
0060h1
0000
0000
0110
0000
r
Reset XBus IRQ12/M and IRQ1
PCI/ISA
0061h
0000
0000
0110
0001
r/w
NMI Status and Control
PCI/ISA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com