Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 59 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 59 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 55Page - Intel Corporation PIIX3 Datasheet HTML 56Page - Intel Corporation PIIX3 Datasheet HTML 57Page - Intel Corporation PIIX3 Datasheet HTML 58Page - Intel Corporation PIIX3 Datasheet HTML 59Page - Intel Corporation PIIX3 Datasheet HTML 60Page - Intel Corporation PIIX3 Datasheet HTML 61Page - Intel Corporation PIIX3 Datasheet HTML 62Page - Intel Corporation PIIX3 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
59
2.4.14.
LEGSUP
LEGACY SUPPORT REGISTER (FUNCTION 2) (PIIX3)
PCI Address Offset:
C0
−C1h
Default:
2000h
Attribute:
Read/Write Clear
This register provides control and status capability for the legacy keyboard and mouse functions.
Bit
Description
15
End OF A20GATE Pass-through Status (A20PTS)
R/WC. This bit is set to 1 to indicate
that the A20GATE pass-through sequence has ended. Software must use the enable bits to
determine the exact cause of an SMI#. Software cleats this bit by writing a 1 to it.
14
Reserved.
13
USB PIRQ Enable (USBPIRQDEN)
R/W. 1=USB interrupt is routed to PIRQD (default).
0=USB interrupt does not route to PIRQD. This bit prevents the USB controller from generating
an interrupt. Note that PIIX3 will typically be configured to generate an SMI using bit 4 of this
register. Default to 1 for compatibility with older USB software.
12
USB IRQ Status (USBIRQS)
RO. PIIX3 sets this bit to 1 to indicate that the USB IRQ is
active. Software must use the enable bits to determine the exact cause of an SMI#. Writing a
1 to this bit will have no effect. Software must clear the IRQ via the USB controller.
11
Trap By 64h Write Status (TBY64W)
R/WC. PIIX3 sets this bit to 1 to indicate that a write
to port 64h occurred. Software must use the enable bits to determine the exact cause of an
SMI#. Software clears this bit by writing a 1 to it.
10
Trap By 64h Read Status (TBY64R)
R/WC. PIIX3 sets this bit to 1 to indicate that a read to
port 64h occurred. Software must use the enable bits to determine the exact cause of an
SMI#. Software clears this bit by writing a 1 to it.
9
Trap By 60h Write Status (TBY60W)
R/WC. PIIX3 sets this bit to 1 to indicate that a write
to port 60h occurred. Software must use the enable bits to determine the exact cause of an
SMI#. Software clears this bit by writing a 1 to it.
8
Trap By 60h Read Status (TBY60R)
R/WC. PIIX3 sets this bit to 1 to indicate that a read to
port 60h occurred. Software must use the enable bits to determine the exact cause of an
SMI#. Software clears this bit by writing a 1 to it.
7
SMI At End Of Pass-through Enable (SMIEPTE)
R/W. 1=Enable the generation of an SMI
when the A20GATE pass-through sequence has ended. 0=Disable (default). This may be
required if an SMI is generated by a USB interrupt in the middle of an A20GATE pass-through
sequence and needs to be serviced later.
6
Pass-through Status (PSS)
RO. 1=A20GATE pass-through sequence is currently in
progress. 0=Not currently executing the A20GATE pass-through sequence (default). This bit
indicates that the host controller is executing the A20GATE pass-through sequence. If
software needs to reset this bit, it should set Bit 5 to 0 causing the host controller to
immediately end the A20GATE pass-through sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com