Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 9 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 9 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 5Page - Intel Corporation PIIX3 Datasheet HTML 6Page - Intel Corporation PIIX3 Datasheet HTML 7Page - Intel Corporation PIIX3 Datasheet HTML 8Page - Intel Corporation PIIX3 Datasheet HTML 9Page - Intel Corporation PIIX3 Datasheet HTML 10Page - Intel Corporation PIIX3 Datasheet HTML 11Page - Intel Corporation PIIX3 Datasheet HTML 12Page - Intel Corporation PIIX3 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
9
1.0.
SIGNAL DESCRIPTION
This section contains a detailed description of each signal. The signals are arranged in functional groups
according to their interface.
Note that the ’#’ symbol at the end of a signal name indicates that the active, or asserted state occurs when
the signal is at a low voltage level. When ’#’ is not present after the signal name, the signal is asserted when
at the high voltage level.
The terms assertion and negation are used extensively. This is done to avoid confusion when working with a
mixture of ’active-low’ and ’active-high’ signals. The term assert, or assertion indicates that a signal is active,
independent of whether that level is represented by a high or low voltage. The term negate, or negation
indicates that a signal is inactive.
Note that certain signal pins provide two separate functions. At the system level, these pins drive other
signals with different functions through external buffers or transceivers. These pins have two different signal
names depending on the function. These signal names have been noted in the signal description tables, with
the signal whose function is being described in bold font. (For example, LA23/CS1S is in the section
describing CS1S and LA23/CS1S is in the section describing LA23).
The following notations are used to describe the signal type.
I
Input is a standard input-only signal.
O
Totem Pole Output is a standard active driver.
I/O
Input/Output is a bi-directional, tri-state signal.
od
Open Drain allows multiple devices to share as a wire-OR.
st
Schmitt Trigger input.
t/s
Tri-State is a bi-directional, tri-state input/output pin.
s/t/s
Sustained Tri-state is an active low tri-state signal owned and driven by one and only one agent at a
time. The agent that drives a s/t/s pin low must drive it high for at least one clock before letting it float.
A new agent can not start driving a s/t/s signal any sooner than one clock after the previous owner tri-
states it. An external pull-up is required to sustain the inactive state until another agent drives it and
must be provided by the central resource.
1.1.
PCI Interface Signals
Signal Name
Type
Description
PCICLK
I
PCI CLOCK: PCICLK provides timing for all transactions on the PCI Bus.
All other PCI signals are sampled on the rising edge of PCICLK, and all
timing parameters are defined with respect to this edge. PCI frequencies of
25–33 MHz are supported.
AD[31:0]
I/O
PCI ADDRESS/DATA: The standard PCI address and data lines. The
address is driven with FRAME# assertion and data is driven or received in
following clocks
C/BE[3:0]#
I/O
BUS COMMAND AND BYTE ENABLES: The command is driven with
FRAME# assertion. Byte enables corresponding to supplied or requested
data is driven on following clocks.
FRAME#
I/O
(s/t/s)
FRAME: Assertion indicates the address phase of a PCI transfer.
Negation indicates that one more data transfer is desired by the cycle
initiator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com