Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 11 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 11 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 7Page - Intel Corporation PIIX3 Datasheet HTML 8Page - Intel Corporation PIIX3 Datasheet HTML 9Page - Intel Corporation PIIX3 Datasheet HTML 10Page - Intel Corporation PIIX3 Datasheet HTML 11Page - Intel Corporation PIIX3 Datasheet HTML 12Page - Intel Corporation PIIX3 Datasheet HTML 13Page - Intel Corporation PIIX3 Datasheet HTML 14Page - Intel Corporation PIIX3 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
11
Signal Name
Type
Description
MIRQ0/IRQ0
(PIIX3 Only)
MIRQ[1:0]
(PIIX Only)
I/O
I
MOTHERBOARD DEVICE INTERRUPT REQUEST: The MIRQx
signals can be internally connected to interrupts IRQ[15,14,12:9,7:3].
Each MIRQx line has a separate Route Control Register. If MIRQx and
PIRQx# are steered to the same ISA interrupt, the device connected to
the MIRQx should produce active high, level interrupts. The
MIRQ0/IRQ0 signal has two functions (for PIIX3 only), depending on
the programming of the IRQ0 Enable bit (MIRQ0 Register). In the
systems that include the PIIX3 and IOAPIC, the MIRQ0/IRQ0 pin will
function as the IRQ0 output and should be connected to the INTIN2
input of the IOAPIC. The interrupt from the Secondary IDE Channel
should be connected to the IRQ15 input on PIIX3 and to the INTIN15
input on the IOAPIC. In the systems that include the PIIX3 only, the
interrupt from the Secondary IDE Channel should be connected to the
MIRQ0/IRQ0 input.
If an MIRQ line is steered to a given IRQ input to the internal 8259, the
corresponding ISA IRQ is masked, unless the Route Control register is
programmed to allow the interrupts to be shared. This should only be
done if the device connected to the MIRQ line and the device
connected to the ISA IRQ line both produce active high, level
interrupts.
MIRQ0 can be configured as an output to connect the internal IRQ0
signal to an external IO-APIC.
1.3.
IDE Interface Signals
Signal Name
Type
Description
DD[15:0]/
PCS#,
SBHE#,
SA[19:8]
APICCS#
(PIIX3)
I/O
O
I/O
I/O
O
DISK DATA: These signals directly drive the corresponding signals on
up to two IDE connectors (primary and secondary). In addition, these
signals are buffered (using 2xALS245’s on the motherboard) to produce
the SA[19:8], PCS#, and SBHE# signals (see separate descriptions).
For the PIIX3, DD14 is buffered to produce APICCS#
DIOR#
O
DISK I/O READ: This signal directly drives the corresponding signal on
up to two IDE connectors (primary and secondary).
DIOW#
O
DISK I/O WRITE: This signal directly drives the corresponding signal on
up to two IDE connectors (primary and secondary).
DDRQ[1:0]
I
DISK DMA REQUEST: These input signals are directly driven from the
DRQ signals on the primary (DDRQ0) and secondary (DDRQ1) IDE
connectors. They are used in conjunction with the PCI Bus master IDE
function and are not associated with any ISA-Compatible DMA channel.
DDAK[1:0]#
O
DISK DMA ACKNOWLEDGE: These signals directly drive the DAK#
signals on the primary (DDAK0# ) and secondary (DDAK1#) IDE
connectors. These signals are used in conjunction with the PCI Bus
master IDE function and are not associated with any ISA-Compatible
DMA channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com