Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 47 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 47 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 43Page - Intel Corporation PIIX3 Datasheet HTML 44Page - Intel Corporation PIIX3 Datasheet HTML 45Page - Intel Corporation PIIX3 Datasheet HTML 46Page - Intel Corporation PIIX3 Datasheet HTML 47Page - Intel Corporation PIIX3 Datasheet HTML 48Page - Intel Corporation PIIX3 Datasheet HTML 49Page - Intel Corporation PIIX3 Datasheet HTML 50Page - Intel Corporation PIIX3 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
47
2.2.24.
CTHTMR—CLOCK SCALE STPCLK# HIGH TIMER (Function 0)
Address Offset:
AEh
Default Value:
00h
Attribute:
Read/Write
The value in this register defines the duration of the STPCLK# negated period when bit 2 in the SMICNTL
Register is set to 1. The value in this register is loaded into the STPCLK# Timer when STPCLK# is negated.
The STPCLK# timer is a divide by PCI clock. The base count for a value of 0 is 42
µsec for a 50 MHz time
base, 35
µsec for a 60 MHz time base, 32 µsec for a 66 MHz time base. These numbers are determined as
follows: # of PCI clocks STPCLK# is asserted (or negated) = 1 + 1056 X (programmed value in register +1).
Bit
Description
7:0
Clock Scaling STPCLK# High Timer Value. Bits [7:0] define the duration of the STPCLK#
negated period during clock throttling.
2.3.
PCI Configuration Registers—IDE Interface (Function 1)
The PIIX/PIIX3 are multi-function devices, as indicated by bit 7 of the Header Type Register. The PCI IDE
interface function uses Function 1.
2.3.1.
VID—Vendor Identification Register (Function 1)
Address Offset:
00–01h
Default Value:
8086h
Attribute:
Read Only
The VID Register contains the vendor identification number. This register, along with the Device Identification
Register, uniquely identify any PCI device. Writes to this register have no effect.
Bit
Description
15:0
Vendor Identification Number. This is a 16-bit value assigned to Intel
2.3.2.
DID—DEVICE IDENTIFICATION REGISTER (Function 1)
Address Offset:
02–03h
Default Value:
1230h (PIIX)
7010h (PIIX3)
Attribute:
Read Only
The DID Register contains the device identification number. This register, along with the VID Register, define
the PIIX. Writes to this register have no effect.
Bit
Description
15:0
Device Identification Number. This is a 16-bit value assigned to the PIIX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com