Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 74 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 74 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 70Page - Intel Corporation PIIX3 Datasheet HTML 71Page - Intel Corporation PIIX3 Datasheet HTML 72Page - Intel Corporation PIIX3 Datasheet HTML 73Page - Intel Corporation PIIX3 Datasheet HTML 74Page - Intel Corporation PIIX3 Datasheet HTML 75Page - Intel Corporation PIIX3 Datasheet HTML 76Page - Intel Corporation PIIX3 Datasheet HTML 77Page - Intel Corporation PIIX3 Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
74
2.5.3.9.
ELCR1—Edge/Level Triggered Register
I/O Address:
INT CNTRL-1—4D0h
Default Value:
00h
Attribute:
Read/Write
ELCR1 register allows IRQ3 - IRQ7 to be edge or level programmable on an interrupt by interrupt basis.
IRQ0, IRQ1 and IRQ2 are not programmable and are always edge sensitive.
Bit
Description
7
IRQ7 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
6
IRQ6 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
5
IRQ5 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
4
IRQ4 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
3
IRQ3 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
2:0
Reserved. Must be 0.
2.5.3.10.
ELCR2—Edge/Level Triggered Register
I/O Address:
INT CNTRL-2—4D1h
Default Value:
00h
Attribute:
Read/Write
ELCR2 register allows IRQ[15,14,12:9] to be edge or level programmable on an interrupt by interrupt basis.
Note that, IRQ[13,8#] are not programmable and are always edge sensitive.
Bit
Description
7
IRQ15 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
6
IRQ14 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
5
Reserved. Must be 0.
4
IRQ12 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
3
IRQ11 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
2
IRQ10 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
1
IRQ9 ECL. 0 = edge triggered mode; 1 = level sensitive mode.
0
Reserved. Must be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com