Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 40 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 40 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 36Page - Intel Corporation PIIX3 Datasheet HTML 37Page - Intel Corporation PIIX3 Datasheet HTML 38Page - Intel Corporation PIIX3 Datasheet HTML 39Page - Intel Corporation PIIX3 Datasheet HTML 40Page - Intel Corporation PIIX3 Datasheet HTML 41Page - Intel Corporation PIIX3 Datasheet HTML 42Page - Intel Corporation PIIX3 Datasheet HTML 43Page - Intel Corporation PIIX3 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
40
2.2.14.
MBDMA[1:0]—MOTHERBOARD DEVICE DMA CONTROL REGISTERS (Function 0)
Address Offset :
76h—MBDMA0#; 77h—MBDMA1#
Default Value:
0Ch
Attribute:
R/W
For both the PIIX and PIIX3, these registers enable/disable a type F DMA transfer (3 SYSCLK) for a
particular DMA channel.
For the PIIX, these registers also control the routing of motherboard device DMA signals (MDRQ[1:0] and
MDAK[1:0]) to the DREQ and DACK# signals on the 8237 DMA controller unit.
Bit
Description
7
Type F and DMA Buffer Enable (FAST). 1=Enable for the channel selected by bits[2:0].
0=Disable for the channel selected by bits[2:0].
6:4
Reserved.
3
PIIX: Disable Motherboard Channel (DMC). When this bit 3=0, the MDRQ/MDAK# pair
associated with this channel is routed to the compatable ISA channel determined by the CHNL
field (bits[2:0]). When bit 3=1, the ISA DREQ/DACK# pair is used for that channel.
When a MDRQ/MDAK# pair is programmed for a given 8237 DMA channel and DMC=0 (bit 3),
the corresponding DREQ/DACK# pins are masked for that channel. When DMC=1, the
MDRQ/MDAK# signals are masked. If both motherboard DMAs are used, the motherboard
DMAs should be programmed to different compatible DMA channels. Programming both
motherboard DMAs to the same compatible DMA channel results in unpredictable device
operation.
PIIX3: Reserved.
2:0
PIIX: Type F and Motherboard DMA Channel Routing (CHNL). When DMC=0, this field
steers the corresponding MDRQ/MDAK# signals to a compatable ISA channel for a
motherboard peripheral (and if FAST=1, also enables type F transfers and the 4-byte DMA
buffer). When DMC=1 and FAST=1, this field enables type F transfers and the 4-byte DMA
buffer for an ISA peripheral on a given channel.
PIIX3: Type F DMA Channel Routing (CHNL). When FAST=1, this field enables type F
transfers and the 4-byte DMA buffer for an ISA peripheral on the selected channel.
Bits[2:0]
DMA channel
Bits[2:0]
DMA channel
000
0
100
default (disabled)
001
1
101
5
010
2
110
6
011
3
111
7
2.2.15.
PCSC—PROGRAMMABLE CHIP SELECT CONTROL REGISTER (Function 0)
Address Offset:
78–79h
Default Value:
0002h
Attribute:
Read/Write
This register controls the assertion of the PCS# programmable chip select signal. The PCS# signal is
asserted for subtractively decoded I/O cycles generated by PCI masters that fall in the range specified by this
register. The address is programmable to any 16-bit I/O space location and the range is programmable to be
4, 8 or 16 bytes. A split range is precluded. The upper sixteen address bits (AD[31:16]) must be zero for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com