Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 85 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 85 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 81Page - Intel Corporation PIIX3 Datasheet HTML 82Page - Intel Corporation PIIX3 Datasheet HTML 83Page - Intel Corporation PIIX3 Datasheet HTML 84Page - Intel Corporation PIIX3 Datasheet HTML 85Page - Intel Corporation PIIX3 Datasheet HTML 86Page - Intel Corporation PIIX3 Datasheet HTML 87Page - Intel Corporation PIIX3 Datasheet HTML 88Page - Intel Corporation PIIX3 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
85
take effect from the beginning of the next frame. This register is reset upon a Host Controller Reset or Global
Reset. Software must maintain a copy of its value for reprogramming if necessary.
Bit
Description
7
Reserved.
6:0
SOF Timing Value. Guidelines for the modification of frame time are contained in Chapter 7 of
the USB Specification. The SOF counter is initialized to a count of 11936. The SOF cycle time
(number of SOF counter clock periods to generate a SOF) is equal to 11936 + value in this
field. The default value is decimal 64 which gives a SOF count value of 12000. For a 12 MHz
SOF counter clock input, this produces a 1 ms Frame period. The following table indicates
what SOF Timing Value to program into this field for a certain frame.
Frame Length
SOF Reg. Value
(# 12Mhz Clocks)
(decimal)
(decimal)
11936
0
11937
1
.
.
.
.
11999
63
12000
64
12001
65
.
.
.
.
12062
126
12063
127
2.8.7.
PORTSC
Port Status and Control Register
I/O Address:
Base + (10
−11h)Port 1
Base + (12
−13h) Port 2
Default:
0000h
Access:
Read/Write (WORD writeable only)
Size:
16 bits
After a Power-up and after a RESET, the initial conditions of a port are: No device connected, Port disabled,
and the bus line status is 00 (single-ended zero). Note: If a device is attached, the port state will transition to
the attached state and system software will process this as with any status change notification. It may take
up to 64 USB bit times for the port transition to occur. Note that, if the Host Controller is in Global Suspend
mode, then, if any of bits [6,3,1] gets set, the Host Controller will signal a resume. Refer to Chapter 11 of the
USB Specification for details on hub operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com