Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 96 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 96 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 92Page - Intel Corporation PIIX3 Datasheet HTML 93Page - Intel Corporation PIIX3 Datasheet HTML 94Page - Intel Corporation PIIX3 Datasheet HTML 95Page - Intel Corporation PIIX3 Datasheet HTML 96Page - Intel Corporation PIIX3 Datasheet HTML 97Page - Intel Corporation PIIX3 Datasheet HTML 98Page - Intel Corporation PIIX3 Datasheet HTML 99Page - Intel Corporation PIIX3 Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
96
Two connectors (primary and secondary) and two drives per connector (master and slave) are supported as
shown in Figure 4.
PIIX/PIIX3
ideconn.drw
Master
(Drive 0)
Slave
(Drive 1)
Primary
Connector (P)
Master
(Drive 0)
Slave
(Drive 1)
Secondary
Connector (S)
IDECONN
Figure 4. IDE Connector and Drive Nomenclature
3.5.1.
ATA REGISTER BLOCK DECODE
The IDE ATA I/O ports are decoded by the PIIX/PIIX3 when enabled in the PCICMD and IDETIM Registers
for function 1. (ATA stands for "AT Attachment"—the specification for AT compatible drive interfaces). The
actual ATA registers are implemented in the drive itself. An access to the IDE registers results in the
assertion of the appropriate chip select for the register. The transaction is then run using compatible timing
and using the IDE command strobes (DIOR#, DIOW#).
For each cable (primary and secondary), there are two I/O ranges; the Command block that corresponds to
the CS1x# chip select, and the control block that corresponds to the CS3x# chip select. The command block
is an 8 byte range while the control block is a 4 byte range. The upper 16 bits of the I/O address are decoded
as all 0s.
Primary Command Block Offset:
01F0h
Primary Control Block Offset:
03F4h
Secondary Command Block Offset:
0170h
Secondary Control Block Offset:
0374h
Table 13 specifies the registers as they affect the PIIX/PIIX3 hardware definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com